Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6233 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6233
Description  18 to 32 GHz GaAs Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6233 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6233 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6233 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings[1]
Symbol
Parameters/Condition
Unit
Max
Vd
Drain to Ground Voltage
V
5.5
Id
Drain Current
mA
100
Pin
RF CW Input Power Max
dBm
10
Tch
Max Channel Temperature
C
+150
Tstg
Storage Temperature
C
-65 +150
Tmax
Maximum Assembly Temperature
C
260 for 20s
Note:
1. Operation in excess of any of these conditions may result in permanent damage to this device. The absolute maximum ratings for Vd, Id, and
Pin were determined at an ambient temperature of 25°C unless noted otherwise.
DC Specifications/ Physical Properties[2]
Symbol
Parameter and Test Condition
Unit
Min.
Typ.
Max.
Idd
Drain Current Under Any RF Power Drive and Temp.] (Vdd = 3 V)
mA
65
90
Vdd
Drain Supply Voltage
V
3
5
qjc
Thermal Resistance[3]
C/W
27
Notes:
2. Ambient operational temperature TA = 25°C unless noted
3. Channel-to-backside Thermal Resistance (Tchannel = 34°C) as measured using infrared microscopy. Thermal Resistance at backside temp.
(Tb) = 25°C calculated from measured data.
AMMC-6233 RF Specifications[4]
TA = 25°C, Vdd = 3.0 V, Idd = 65 mA, Zo = 50 Ω
Symbol
Parameters and Test Conditions
Frequencies
(GHz)
Units
Minimum
Typical
Maximum
Gain
RF Small Signal Gain
18, 26, 31
dB
18
22
NF
Noise Figure into 50W(5)
18, 26, 31
dB
3.0
4.0
RLin
Input Return Loss
dB
-12
RLout
Output Return Loss
dB
-12
Iso
Isolation
dB
-45
P-1dB
Output Power at 1dB(7) Gain
Compression
dBm
8
OIP3
Output Third Order Intercept Point
dBm
19
Notes:
4. All tested parameters guaranteed with measurement accuracy +/-0.5 dB for the 6 to 20 GHz range, ±0.75 dB for the 20 to 33 GHz range and
±1.0 dB for the 33 to 50 GHz range.
5. NF is measured on-wafer. Additional bond wires (~0.2 nH) at input could improve NF at some frequencies.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com