Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6233 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6233 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6233
Download  AMMC-6233 Download
File Size   261.35 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 18 to 32 GHz GaAs Low Noise Amplifier

AMMC-6233 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6233 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6233
Download  AMMC-6233 Click to download

File Size   261.35 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 18 to 32 GHz GaAs Low Noise Amplifier

AMMC-6233 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-6233 Product details

Description
Avago Technologies’ AMMC-6233 is a high gain, low noise amplifier that operates from 18 GHz to 32 GHz. This LNA provides a wide-band solution for system design since it covers several bands, thus, reduces part inventory. The device has input / output match to 50 Ohm, is unconditionally stable and can be used as either primary or sub-sequential low noise gain stage.

Features
• Integrated DC block and choke
• 50 Ω input and output match
• Single positive supply
• No negative gate bias

Applications
• Microwave radio systems
• Satellite VSAT, DBS up/down link
• LMDS & Pt-Pt mmW long haul
• Broadband wireless access (including 802.16 and 802.20 WiMax)
• WLL and MMDS loops




Similar Part No. - AMMC-6233

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6233 BOARDCOM-AMMC-6233 Datasheet
268Kb / 9P
18 to 32 GHz GaAs Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6233 AVAGO-AMMC-6233_15 Datasheet
268Kb / 9P
GaAs Low Noise Amplifier
More results


Similar Description - AMMC-6233

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC281 HITTITE-HMC281 Datasheet
106Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
HMC519 HITTITE-HMC519 Datasheet
337Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233 AVAGO-AMMP-6233 Datasheet
619Kb / 8P
18 to 32 GHz GaAs Low Noise Amplifier
AMMC-6232 AVAGO-AMMC-6232 Datasheet
1Mb / 8P
18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC519 HITTITE-HMC519_09 Datasheet
262Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233 AVAGO-AMMP-6233_15 Datasheet
301Kb / 6P
18 to 32 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6233 BOARDCOM-AMMC-6233 Datasheet
268Kb / 9P
18 to 32 GHz GaAs Low Noise Amplifier
AMMP-6233 BOARDCOM-AMMP-6233 Datasheet
301Kb / 6P
18 to 32 GHz GaAs Low Noise Amplifier
AMMC-6232 BOARDCOM-AMMC-6232 Datasheet
1Mb / 8P
18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
Analog Devices
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com