Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6232 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6232 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6232
Download  AMMC-6232 Download
File Size   1488.2 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 18 to 32 GHz GaAs High Linearity Low Noise Amplifier

AMMC-6232 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6232 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6232
Download  AMMC-6232 Click to download

File Size   1488.2 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 18 to 32 GHz GaAs High Linearity Low Noise Amplifier

AMMC-6232 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-6232 Product details

Description
Avago Technologies AMMC-6232 is an easy-to-use broadband, high gain, high linearity Low Noise Amplifier that operates from 18 GHz to 32GHz. The wide band and unconditionally stable performance makes this MMIC ideal as a primary or sub-sequential low noise block or a transmitter or LO driver. The MMIC has 4 gain stages and requires a 4V, 135mA power supply for optimal performance. The two gate bias voltages can be combined for ease of use or separated for more control flexibility.

Features
•  800μm x 2000μm Die Size
•  Unconditionally Stable

Applications
•  Microwave Radio systems
•  Satellite VSAT, DBS Up/Down Link
•  LMDS & Pt-Pt mmW Long Haul
•  Broadband Wireless Access (including 802.16 and 802.20 WiMax)
•  WLL and MMDS loops




Similar Part No. - AMMC-6232

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6232 BOARDCOM-AMMC-6232 Datasheet
1Mb / 8P
18 to 32 GHz GaAs High Linearity Low Noise Amplifier
AMMC-6232-W10 BOARDCOM-AMMC-6232-W10 Datasheet
1Mb / 8P
18 to 32 GHz GaAs High Linearity Low Noise Amplifier
AMMC-6232-W50 BOARDCOM-AMMC-6232-W50 Datasheet
1Mb / 8P
18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6232 AVAGO-AMMC-6232_15 Datasheet
1Mb / 8P
14 LAMPS LED BULB
More results


Similar Description - AMMC-6232

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC281 HITTITE-HMC281 Datasheet
106Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6233 AVAGO-AMMC-6233 Datasheet
261Kb / 9P
18 to 32 GHz GaAs Low Noise Amplifier
AMMP-6233 AVAGO-AMMP-6233 Datasheet
619Kb / 8P
18 to 32 GHz GaAs Low Noise Amplifier
AMMC-6222 AVAGO-AMMC-6222 Datasheet
1Mb / 12P
7 to 21 GHz GaAs High Linearity Low Noise Amplifier
AMMC-6222 AVAGO-AMMC-6222_15 Datasheet
1Mb / 2P
7 to 21 GHz GaAs High Linearity Low Noise Amplifier
AMMP-6233 AVAGO-AMMP-6233_15 Datasheet
301Kb / 6P
18 to 32 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6222 BOARDCOM-AMMC-6222 Datasheet
1Mb / 12P
7 to 21 GHz GaAs High Linearity Low Noise Amplifier
AMMC-6233 BOARDCOM-AMMC-6233 Datasheet
268Kb / 9P
18 to 32 GHz GaAs Low Noise Amplifier
AMMP-6233 BOARDCOM-AMMP-6233 Datasheet
301Kb / 6P
18 to 32 GHz GaAs Low Noise Amplifier
AMMC-6232 BOARDCOM-AMMC-6232 Datasheet
1Mb / 8P
18 to 32 GHz GaAs High Linearity Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com