Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6232 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6232
Description  18 to 32 GHz GaAs High Linearity Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6232 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6232 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6232 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings (1)
Parameters / Conditions
Symbol
Unit
Max
Drain to Ground Voltage
Vdd
V
5.5
Gate-Drain Voltage
Vgd
V
-8
Drain Current
Idd
mA
200
Gate Bias Voltage
Vg
V
+0.8
Gate Bias Current
Ig
mA

RF CW Input Power Max
Pin
dBm
5
Max channel temperature
Tch
C
+50
Storage temperature
stg
C
-65 +50
Maximum Assembly Temp
Tmax
C
260 for 20s
(1) Operation in excess of any of these conditions may result in permanent damage to this device. The absolute maximum ratings for Vdd, Vgd, Idd Vg,
Ig and Pin were determined at an ambient temperature of 25
°C unless noted otherwise.
DC Specifications/ Physical Properties (2)
Parameter and Test Condition
Symbol
Unit
Min
Typ
Max
Drain Supply Current (Vd=4.0 V)
Idd
mA
35
50
Drain Supply Voltage
Vd
V
3
4
5
Gate Bias Current
Ig
mA
0.
Gate Bias Voltage
Vg
V
-.3
-0.95
-0.55
Thermal Resistance(3)
θjc
°C/W
35.
(2) Ambient operational temperature TA=25
°C unless noted
(3) Channel-to-backside Thermal Resistance (Tchannel = 34
°C) as measured using infrared microscopy. Thermal Resistance at backside temp.
(Tb) = 25
°C calculated from measured data.
AMMC-6232 RF Specifications (4)
TA= 25°C, Vdd = 4.0 V, Idd = 135mA, Zo=50 Ω
Parameters and Test Conditions
Symbol
Unit
Frequency
(GHz)
Spec
Min
Typ
Max
Small signal gain (4)
AGain
dB
20
23
32
26
23
26.7
3
23
24.6
Noise Figure into 50W (4)
NF
dB
20
3.2
4.5
26
3.3
4.5
3
4
4.5
Output Power at dB Gain Compression (4)
PdB
dBm
20, 26, 3
5
20
Output Third Order Intercept Point (4)
OIP3
dBm
20
26
28
26
26
28
3
26
27
Isolation
S2
dB
20, 26, 3
-50
Input Return Loss
S
dB
20, 26, 3
-0
Output Return Loss
S22
dB
20, 26, 3
-0
(4) All tested parameters guaranteed with measurement accuracy ±5dBm for OPI3 and ± 2dB for gain, NF and P1dB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com