Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS69 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAS69
Description  Low capacitance small signal Schottky diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS69 Datasheet(HTML) 2 Page - STMicroelectronics

  BAS69 Datasheet HTML 1Page - STMicroelectronics BAS69 Datasheet HTML 2Page - STMicroelectronics BAS69 Datasheet HTML 3Page - STMicroelectronics BAS69 Datasheet HTML 4Page - STMicroelectronics BAS69 Datasheet HTML 5Page - STMicroelectronics BAS69 Datasheet HTML 6Page - STMicroelectronics BAS69 Datasheet HTML 7Page - STMicroelectronics BAS69 Datasheet HTML 8Page - STMicroelectronics BAS69 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
BAS69 Series
2/9
1
Characteristics
Table 1.
Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
15
V
IF
Continuous forward current
10
mA
IFSM
Surge non repetitive forward current
Half wave, single phase 60 Hz
2
A
Tstg
Storage temperature range
-65 to +150
° C
Tj
Maximum operating junction temperature (1)
150
TL
Maximum soldering temperature(1)
260
1.
Pulse test: tp = 380 µs, δ < 2 %
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
SOT-323
550
° C/W
SOD-523, SOT-666
600
1.
Epoxy printed circuit board with recommended pad layout
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = 1 V
0.035
µA
Tj = 125° C
6
30
Tj = 25° C
VR = 15 V
0.23
Tj = 125° C
10
100
VF
(1)
Forward voltage drop
Tj = 25° C
IF = 1 mA
350
380
mV
Tj = 125° C
230
260
Tj = 25° C
IF = 10 mA
500
570
Tj = 125° C
460
510
1.
Pulse test: tp ≤ 250 ms, δ ≤ 2 %
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
C
Diode capacitance
VR = 0 V, F = 1 MHz
1.0
pF
RF
Forward resistance
IF = 5 mA, F = 100 MHz
15
LS
Series inductance
1.5
nH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com