Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS69 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BAS69
Description  Low capacitance small signal Schottky diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS69 Datasheet(HTML) 5 Page - STMicroelectronics

  BAS69 Datasheet HTML 1Page - STMicroelectronics BAS69 Datasheet HTML 2Page - STMicroelectronics BAS69 Datasheet HTML 3Page - STMicroelectronics BAS69 Datasheet HTML 4Page - STMicroelectronics BAS69 Datasheet HTML 5Page - STMicroelectronics BAS69 Datasheet HTML 6Page - STMicroelectronics BAS69 Datasheet HTML 7Page - STMicroelectronics BAS69 Datasheet HTML 8Page - STMicroelectronics BAS69 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BAS69 Series
Package information
5/9
3
Package information
Epoxy meets UL94, V0
Figure 9.
SOD-523 footprint (dimensions in mm)
Table 5.
SOD-523 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.60
0.70
0.020 0.024 0.028
E
1.50
1.60
1.70
0.059 0.063 0.067
E1
1.10
1.20
1.30
0.043 0.047 0.051
D
0.70
0.80
0.90
0.028 0.031 0.035
b
0.25
0.35
0.010
0.014
c
0.07
0.20
0.003
0.008
L
0.15
0.20
0.25
0.006 0.008 0.010
L1
0.10
0.20
0.004
0.008
E1
2xb
SEATING PLANE
R0.1
c
8°
7°
L
D
E
0.15
0.20
C
C
A
A
B
B
B
A
C
A
L1
M
M
0.7
0.3
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com