Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS69-04WFILM Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAS69-04WFILM
Description  Low capacitance small signal Schottky diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS69-04WFILM Datasheet(HTML) 1 Page - STMicroelectronics

  BAS69-04WFILM Datasheet HTML 1Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 2Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 3Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 4Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 5Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 6Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 7Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 8Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 2006
Rev 1
1/9
BAS69 Series
Low capacitance small signal Schottky diodes
Main product characteristics
Features and benefits
■ Low diode capacitance
■ Designed for RF applications
■ Low profile packages
■ Very low parasitic inductor and resistor
Description
The BAS69 series use 15V barrier, with extremely
low junction capacitance, suitable for the
detection of an RF signal and the compensation
of the voltage drift with the temperature. The
presented packages make the device ideal in
applications where space saving is critical.
The low junction capacitance will reduce the
disturbance on the RF signal.
Order codes
IF
10 mA
VRRM
15 V
C (typ)
<1 pF
Tj (max)
150° C
Part Number
Marking
BAS69WFILM
23
BAS69-04WFILM
24
BAS69-05WFILM
25
BAS69-06WFILM
26
BAS69KFILM
65
BAS69-09P6FILM
69
BAS69-07P6FILM
67
SOD-523
SOT-666
BAS69KFILM
(Single)
BAS69WFILM
(Single)
BAS69-05WFILM
(Common cathode)
BAS69-06WFILM
(Common anode)
BAS69-04WFILM
(Series)
BAS69-07P6FILM
(2 parallel diodes)
BAS69-09P6FILM
(2 opposite diodes)
SOT-323
Configurations in top view
www.st.com


Similar Part No. - BAS69-04WFILM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS678 PHILIPS-BAS678 Datasheet
43Kb / 7P
High-speed diode
1996 Sep 10
logo
Guangdong Kexin Industr...
BAS678 KEXIN-BAS678 Datasheet
41Kb / 2P
High-speed diode
logo
Honeywell Solid State E...
BAS6C-H00 HONEYWELL-BAS6C-H00 Datasheet
597Kb / 5P
Battery Safety Aerosol Sensors CAN Communication Output
12/22
BAS6C-X00 HONEYWELL-BAS6C-X00 Datasheet
597Kb / 5P
Battery Safety Aerosol Sensors CAN Communication Output
12/22
More results

Similar Description - BAS69-04WFILM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
STMicroelectronics
BAT41ZFILM STMICROELECTRONICS-BAT41ZFILM Datasheet
153Kb / 12P
Low capacitance small signal Schottky diodes
08-Aug-2006
BAT41 STMICROELECTRONICS-BAT41_06 Datasheet
153Kb / 12P
Low capacitance small signal Schottky diodes
08-Aug-2006
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
logo
Comchip Technology
ACDBZ0130L-HF COMCHIP-ACDBZ0130L-HF Datasheet
109Kb / 4P
Low VF Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com