Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS69-04WFILM Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAS69-04WFILM
Description  Low capacitance small signal Schottky diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS69-04WFILM Datasheet(HTML) 4 Page - STMicroelectronics

  BAS69-04WFILM Datasheet HTML 1Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 2Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 3Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 4Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 5Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 6Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 7Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 8Page - STMicroelectronics BAS69-04WFILM Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ordering information scheme
BAS69 Series
4/9
2
Ordering information scheme
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SOD-523)
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead (printed circuit
board, epoxy FR4 - SOT-323)
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
SOD-523
Epoxy FR4
e
CU=35 µm
Z
th(j-a)/Rth(j-a)
(s)
tP
300
350
400
450
500
550
600
0
5
10
15
20
25
30
35
40
45
50
S
(mm²)
CU
R (j-a)
th
BAS69
xx
xx FILM
Signal Schottky diodes
Package
V= 15 V
RRM
No letter = Single diode
04 =
05 = Common cathode
06 =
07 = Parallel diodes
09 = Opposite diodes
Series diodes
Common anode
W = SOT-323
K = SOD-523
P6 = SOT-666
Configuration
Packing
FILM = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com