Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N6RAM4 Datasheet(PDF) 1 Page - Belden Inc.

Part # N6RAM4
Description  N6R, M26 x 1.5 thread, Receptacle, Male, Front Mount, Grey housing, 250 V, 10 A, w/ PG 16 panel thread, monoblock design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

N6RAM4 Datasheet(HTML) 1 Page - Belden Inc.

  N6RAM4 Datasheet HTML 1Page - Belden Inc. N6RAM4 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: N6R AM 4
N6R, M26 x 1.5 thread, Receptacle, Male, Front Mount, Grey housing, 250 V,
10 A, w/ PG 16 panel thread, monoblock design
Product Description
NR Circular Connector, M26 x 1.5 thread, Receptacle, Male, Front Mount, 6+PE pins, Grey housing, 250 V, 10 A, w/ PG 16 panel thread, monoblock design
Technical Drawing
Technical Specifications
General Information
Note:
Do not connect or disconnect under load.
Product description
Description:
appliance plug
Housing Color:
grey
Number of Pins:
6+PE


Similar Part No. - N6RAM4

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
N6RAM2 BELDEN-N6RAM2 Datasheet
749Kb / 2P
N6R, M26 x 1.5 thread, Receptacle, Male, Front Mount, Grey housing, 250 V, 10 A, w/ PG 13.5 panel thread, monoblock design
03-13-2024
More results

Similar Description - N6RAM4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-31C16 GLENAIR-M24758-31C16 Datasheet
197Kb / 2P
Adapter for PG Thread
logo
Molex Electronics Ltd.
1200840017 MOLEX11-1200840017 Datasheet
154Kb / 2P
Ultra-Lock (M12) 5 Pole, Front Panel Mount Receptacle, 1/2"-14 NPT Mounting Thread
1200840007 MOLEX11-1200840007 Datasheet
155Kb / 2P
Ultra-Lock (M12) 4 Pole, Front Panel Mount Receptacle, 1/2"-14 NPT Mounting Thread, 22
logo
List of Unclassifed Man...
P683 ETC2-P683 Datasheet
146Kb / 1P
SMP MALE EXTERNAL THREAD PANEL MOUNT HERMETIC SEAL TO STRAIGHT TERMIN
P761 ETC2-P761 Datasheet
120Kb / 1P
SMP MALE HERMETIC SEAL THREAD-IN PANEL MOUNT TO STRAIGHT TERMINATION
logo
Glenair, Inc.
841-003 GLENAIR-841-003 Datasheet
338Kb / 1P
ACME Thread Receptacle
logo
Pasternack Enterprises,...
PE35373LF PASTERNACK-PE35373LF Datasheet
288Kb / 1P
CABLE ASSEMBLY, RG316/U, REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
logo
Banner Engineering Corp...
IT46ST5-VL BANNER-IT46ST5-VL Datasheet
166Kb / 1P
IT4 SERIES FIBER M4 THREAD W/M2.5 THREAD VL
logo
NorComp
854-B05-103RLS4 NORCOMP-854-B05-103RLS4 Datasheet
60Kb / 1P
M8 SERIES-MALE-CABLE MOUNT-EXTENDED THREAD DESIGN
Rev.00 03/08/2021
854-B05-203RLS4 NORCOMP-854-B05-203RLS4 Datasheet
62Kb / 1P
M8 SERIES-MALE-CABLE MOUNT-EXTENDED THREAD DESIGN
Rev.00 03/08/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com