Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3.3A Datasheet(PDF) 1 Page - Silicon Supplies

Part # SSL3.3A
Description  200 Watt, Uni-Directional TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SSL3.3A Datasheet(HTML) 1 Page - Silicon Supplies

  SSL3.3A Datasheet HTML 1Page - Silicon Supplies SSL3.3A Datasheet HTML 2Page - Silicon Supplies SSL3.3A Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.siliconsupplies.com
Die Size (Unsawn)
965 x 965
37.99 x 37.99
µm
mils
Anode Pad Size
851 x 851
33.5 x 33.5
µm
mils
Die Thickness
250 (±20)
9.84 (±0.79)
µm
mils
Top Metal Composition
Al ≥ 4µm
Back Metal Composition
NiTi/Ag (0.2/0.8 µm)
200 Watt, Uni-Directional TVS Diode
Silicon Transient Voltage Suppressor diode in bare die form
200W peak pulse power dissipation
Excellent clamping capabilities
Very fast response time
Metalized for Wire Bonding
High Reliability tested grades.
Rev 1.0
02/12/24
Features:
Die Dimensions in µm (mils)
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-750 /2073 Visual Inspection
“H” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-750 /2072 Visual Inspection
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
With additional electrical selection – By specific request
CHIP BACKSIDE IS CATHODE
851 (33.5)
965 (37.99)
ANODE
ANODE


Similar Part No. - SSL3.3A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SSL30 RECTRON-SSL30 Datasheet
414Kb / 4P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
SSL30L RECTRON-SSL30L Datasheet
415Kb / 4P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
SSL30L RECTRON-SSL30L Datasheet
275Kb / 6P
LOW Vf SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SSL310 YANGJIE-SSL310 Datasheet
293Kb / 4P
Surface Mount Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
SSL310 YFWDIODE-SSL310 Datasheet
446Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SSL3.3A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D26V0H1U2LP20 DIODES-D26V0H1U2LP20 Datasheet
285Kb / 4P
26V UNI-DIRECTIONAL TVS DIODE
Rev 2
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
UNI-DIRECTIONAL TVS DIODE
logo
First Silicon Co., Ltd
FTVS2491D2 FS-FTVS2491D2 Datasheet
319Kb / 4P
Uni-directional TVS Diode
logo
Diodes Incorporated
D14V0H1U2LP DIODES-D14V0H1U2LP Datasheet
294Kb / 5P
14V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 3 - 2
D18V0H1U2LP DIODES-D18V0H1U2LP Datasheet
294Kb / 5P
18V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D22V0H1U2LP DIODES-D22V0H1U2LP Datasheet
199Kb / 5P
22V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H1U2LP DIODES-D24V0H1U2LP Datasheet
200Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H2U3SO DIODES-D24V0H2U3SO Datasheet
780Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D34V0H1U2LP DIODES-D34V0H1U2LP Datasheet
291Kb / 5P
34V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 3 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com