Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3.3A Datasheet(PDF) 3 Page - Silicon Supplies

Part # SSL3.3A
Description  200 Watt, Uni-Directional TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SSL3.3A Datasheet(HTML) 3 Page - Silicon Supplies

  SSL3.3A Datasheet HTML 1Page - Silicon Supplies SSL3.3A Datasheet HTML 2Page - Silicon Supplies SSL3.3A Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.siliconsupplies.com
Electrical Characteristics T
J = 25°C unless otherwise stated
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With
respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon
Supplies Ltd hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or
system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human
body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other
persons may be endangered.
200 Watt, Uni-Directional TVS Diode
Rev 1.0
02/12/24
4. Suffix “A” denotes 5% tolerance of VBR
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE @ IT
TEST
CURRENT
MAX
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
REVERSE
LEAKAGE
IR @ VRRM
DEVICE
4
VRRM
VBR(MIN) (V)
VBR(MAX) (V)
IT
VC
IPP
IR
V
V
V
mA
V
A
µA
SSL24A
24
26.73
29.47
1
38.9
5.1
0.8
SSL26A
26
28.93
31.87
1
42.1
4.8
0.8
SSL28A
28
31.13
34.37
1
45.4
4.4
0.8
SSL30A
30
33.33
36.77
1
48.4
4.1
0.8
SSL33A
33
36.73
40.57
1
53.3
3.8
0.8
SSL36A
36
40.03
44.17
1
58.1
3.4
0.8
SSL40A
40
44.40
49.10
1
64.5
3.1
0.8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com