Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMX-01 Datasheet(PDF) 1 Page - AG Electronica

Part # LEDMX-01
Description  PAQUETE DE 5 LEDS COLORES (R,G,B,Y,W)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

LEDMX-01 Datasheet(HTML) 1 Page - AG Electronica

  LEDMX-01 Datasheet HTML 1Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LEDMX-01 : PAQUETE DE 5 LEDS
COLORES (R,G,B,Y,W)
Descripción: El paquete de 5 Módulos Led permite una fácil
configuración plug and play para las líneas de E / S de Arduino.
se pueden controlar a través de una señal PWM o una salida
digital alta / baja. 100% Compatible con Arduino.
Especificaciones:
Tensión de Funcionamiento: 5 VDC (regulado)
Salida Digital con Modulación de Ancho de Pulso
Corriente de Consumo 25 mA
LED Azul, LED Verde, LED Rojo, LEDE Blanco, LED Amarillo
AG Electrónica S.A. de C.V.
República del Salvador N° 20
Segundo Piso
Teléfono: 5130 - 7210
http://agelectronica.com/AG/
Rev 1. DJRS
Fecha: 06/04/2018
Rev 2. ACBM


Similar Part No. - LEDMX-01

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LEDM-3-17 RICHCO-LEDM-3-17 Datasheet
108Kb / 1P
LED MOUNTS
logo
nVent Electric plc
LEDMAG NVENT-LEDMAG Datasheet
453Kb / 6P
Electrical Accessories
logo
Timeguard
LEDMR10WH TIMEGUARD-LEDMR10WH Datasheet
624Kb / 3P
7W – 700lm LED Energy Saver Bulkhead Light
14/02/2025
LEDMR10WH3K TIMEGUARD-LEDMR10WH3K Datasheet
293Kb / 2P
10W Slimline LED Energy Saver IP44 Round Wall/Ceiling Light – White
14/02/2025
LEDMR10WHMS TIMEGUARD-LEDMR10WHMS Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
More results

Similar Description - LEDMX-01

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2103-UG MARKTECH-MT2103-UG Datasheet
34Kb / 1P
Marktech 3mm Ultra Bright Y G LEDs
MT2118-CUG MARKTECH-MT2118-CUG Datasheet
34Kb / 1P
Marktech 5mm Ultra Bright Y G LEDs
MT21030UG MARKTECH-MT21030UG Datasheet
34Kb / 2P
Marktech 3mm Ultra Bright Y G LEDs
logo
Powerbox
PB251A-CM POWERBOX-PB251A-CM Datasheet
263Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
CENTAUR POWERBOX-CENTAUR Datasheet
296Kb / 2P
T H R E E S T E P B AT T E R Y C H A R G E R
DBL500 POWERBOX-DBL500 Datasheet
244Kb / 1P
B AT T E R Y C H A R G E R
PB251A-RM POWERBOX-PB251A-RM Datasheet
445Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
PB314 POWERBOX-PB314 Datasheet
1Mb / 3P
6 3 6 - 7 4 5 WAT T S B AT T E R Y C H A R G E R S Y S T E M
PB314A POWERBOX-PB314A Datasheet
269Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
logo
Molex Electronics Ltd.
2178511144 MOLEX-2178511144 Datasheet
76Kb / 1P
PERMA-S RING 300MM 16AWG M5 LEAD G/Y R-B
2021/02/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com