Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP3-RKWPA3-802 Datasheet(PDF) 1 Page - Belden Inc.

Part # RSP3-RKWPA3-802
Description  Mini Power Double-Ended Cordset: 1 3/8" male straight to 7/8" female angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSP3-RKWPA3-802 Datasheet(HTML) 1 Page - Belden Inc.

  RSP3-RKWPA3-802 Datasheet HTML 1Page - Belden Inc. RSP3-RKWPA3-802 Datasheet HTML 2Page - Belden Inc. RSP3-RKWPA3-802 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RSP 3-RKWPA 3-802
Mini Power Double-Ended Cordset: 1 3/8" male straight to 7/8" female angled,
3-pin(2+PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
Product Description
Mini Power Double-Ended Cordset: 1 3/8" male straight to 7/8" female angled, 3-pin(2+PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
Technical Drawing
Technical Specifications
Product Description
Product Family:
Power Connector
Brand:
Lumberg Automation
Connector Type:
Cordset, double ended
Shielding:
Unshielded
Rated Voltage (UL):
600 V
Rated Current (UL)*:
18 A
Technical Data Side 1
Product Sub Family:
1 3/8"
Type of Contact / Gender:
male
Connector Design:
straight
Attachment Type:
Coupling Nut
Number of Pins:
3(2+PE)
Ambient Temperature (Operation)*:
-30 °C to +90 °C
Protection Degree / IP Rating**:
IP 67, IP 68
Contact Base Material:
CuSn
Contact Plating:
Ni/Au
Contact Bearer Material:
PVC
Contact Bearer Color:
black
Molded Body Material:
PVC
Molded Body Color:
black
Attachment Material:
CuZn
Cable Data
Cable Number:
802
Conductor Size:
14 AWG


Similar Part No. - RSP3-RKWPA3-802

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSP3-RKP3-800 BELDEN-RSP3-RKP3-800 Datasheet
349Kb / 3P
Mini Power Double-Ended Cordset: 1 3/8" male straight to 1 3/8" female straight, 3-pin(2PE), black body, 600 V, 42 A; TPE black cable, 10 AWG
More results

Similar Description - RSP3-RKWPA3-802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300100493 MOLEX-1300100493 Datasheet
40Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 8.0m (26.25) Length
04/03/2023
1300100494 MOLEX-1300100494 Datasheet
42Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 12.0m (6.56) Length
04/03/2023
1300100496 MOLEX-1300100496 Datasheet
43Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 18.0m (59.05) Length
04/03/2023
1300100498 MOLEX-1300100498 Datasheet
45Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 30.0m (98.40) Length
03/21/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
logo
Molex Electronics Ltd.
1300100487 MOLEX-1300100487 Datasheet
38Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 1.0m (3.28) Length
04/03/2023
1300100490 MOLEX-1300100490 Datasheet
42Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 4.0m (13.12) Length
03/21/2023
1300100491 MOLEX-1300100491 Datasheet
42Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 5.0m (16.40) Length
03/21/2023
1300100500 MOLEX-1300100500 Datasheet
42Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 46.0m (150.88) Length
04/03/2023
1300100501 MOLEX-1300100501 Datasheet
42Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 54.0m (177.12) Length
04/03/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com