Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP3-RKWPA3-802 Datasheet(PDF) 2 Page - Belden Inc.

Part # RSP3-RKWPA3-802
Description  Mini Power Double-Ended Cordset: 1 3/8" male straight to 7/8" female angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSP3-RKWPA3-802 Datasheet(HTML) 2 Page - Belden Inc.

  RSP3-RKWPA3-802 Datasheet HTML 1Page - Belden Inc. RSP3-RKWPA3-802 Datasheet HTML 2Page - Belden Inc. RSP3-RKWPA3-802 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Number of Wires:
3
Cable Jacket Material:
TPE
Cable Jacket Color:
black
Cable Diameter D:
ø 0.359"
Wire Insulation Material:
PVC/NYLON
Ambient Temperature (Fixed Installation):
-30 °C to +90 °
Flammability Class (Cable Jacket):
FT-4
Technical Data Side 2
Product Sub Family, Side 2:
7/8"
Type of Contact / Gender, Side 2:
female
Connector Design, Side 2:
angled
Attachment Type, Side 2:
Coupling Screw
Number of Pins, Side 2:
3(2+PE)
Ambient Temperature (Operation), Side 2*: -30 °C to +90 °C
Protection Degree / IP Rating, Side 2**:
IP 67, IP 68
Contact Base Material, Side 2:
CuSn
Contact Plating, Side 2:
Ni/Au
Contact Bearer Material, Side 2:
PVC
Contact Bearer Color, Side 2:
black
Molded Body Material, Side 2:
PVC
Molded Body Color, Side 2:
black
Attachment Material, Side 2:
CuZn
Approvals
UL-File:
E482233
UL:
TC-ER
Safety & Environmental Compliance
RoHS Compliant:
Yes
Resistances
Oil Resistance:
Oil Res I/II
UV Resistance:
Sunlight Res
Notes
Protection Degree / IP Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Variants
Item #
Item Description
Cable Length
511000853 RSP 3-RKWPA 3-802/0.5M 0.5 m
511000854 RSP 3-RKWPA 3-802/1M
1 m
511000856 RSP 3-RKWPA 3-802/2M
2 m
511000858 RSP 3-RKWPA 3-802/3M
3 m
511000859 RSP 3-RKWPA 3-802/4M
4 m
511000860 RSP 3-RKWPA 3-802/5M
5 m
511000861 RSP 3-RKWPA 3-802/6M
6 m
511000862 RSP 3-RKWPA 3-802/8M
8 m
511000863 RSP 3-RKWPA 3-802/10M
10 m
511000864 RSP 3-RKWPA 3-802/12M
12 m
511000865 RSP 3-RKWPA 3-802/14M
14 m
511000866 RSP 3-RKWPA 3-802/15M
15 m
511000867 RSP 3-RKWPA 3-802/18M
18 m
511000868 RSP 3-RKWPA 3-802/20M
20 m
511000869 RSP 3-RKWPA 3-802/22M
22 m
511000870 RSP 3-RKWPA 3-802/25M
25 m
511000871 RSP 3-RKWPA 3-802/30M
30 m
511000872 RSP 3-RKWPA 3-802/35M
35 m
511000873 RSP 3-RKWPA 3-802/40M
40 m
511000874 RSP 3-RKWPA 3-802/45M
45 m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com