Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069495 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1069495
Description  M17-3EP1N8A9002S/1,5 - Coupler connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069495 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1069495 Datasheet HTML 1Page - PHOENIX CONTACT 1069495 Datasheet HTML 2Page - PHOENIX CONTACT 1069495 Datasheet HTML 3Page - PHOENIX CONTACT 1069495 Datasheet HTML 4Page - PHOENIX CONTACT 1069495 Datasheet HTML 5Page - PHOENIX CONTACT 1069495 Datasheet HTML 6Page - PHOENIX CONTACT 1069495 Datasheet HTML 7Page - PHOENIX CONTACT 1069495 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M17, Coupler connector, series: M17 PRO, straight, shielded: yes, for standard and ONECLICK
fast locking system, No. of pos.: 3+PE, contact connection type: Pin, Crimp connection, cable
diameter range: 3.5 mm ... 6.5 mm, coding: N, Item is lead-free in accordance with RoHS II
without Exemption 6c (Pb < 0.1 %)
Your advantages
Solutions with cross-manufacturer compatibility for standard and fast locking systems
•
Modern, consistent design for highly convenient operation
•
Easy, cost-effective cable assembly: uniform shielding of M17 to M40
•
Commercial data
Item number
1069495
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB30
Product key
ABRBAG
GTIN
4055626746500
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85366990
Country of origin
DE
M17-3EP1N8A9002S/1,5 - Coupler connector
1069495
https://www.phoenixcontact.com/us/products/1069495
Nov 28, 2024, 5:56 AM
Page 1 (8)


Similar Part No. - 1069495

ManufacturerPart #DatasheetDescription
logo
SICK AG
1069495 SICK-1069495 Datasheet
370Kb / 7P
PHOTOELECTRIC SENSORS
More results

Similar Description - 1069495

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1069502 PHOENIX-1069502 Datasheet
1Mb / 12P
M17-3EP1N8AW500S/1,5 - Device connector front mounting
1628967 PHOENIX-1628967 Datasheet
512Kb / 12P
M17-17P1N8A9003S - Coupler connector
1628988 PHOENIX-1628988 Datasheet
1Mb / 10P
M17-6ES1N8A8003S - Cable connector
1069491 PHOENIX-1069491 Datasheet
1Mb / 12P
M17-3ES1N8A8003S/1,5 - Cable connector
1069482 PHOENIX-1069482 Datasheet
1Mb / 13P
M17-3EP1N8A8003/1,5 - Cable connector
1069486 PHOENIX-1069486 Datasheet
1Mb / 13P
M17-3ES1N8A8004/1,5 - Cable connector
1628975 PHOENIX-1628975 Datasheet
1Mb / 14P
M17-8ES1N8A8004S - Cable connector
1628964 PHOENIX-1628964 Datasheet
538Kb / 12P
M17-17S1N8A9003S - Coupler connector
1628948 PHOENIX-1628948 Datasheet
504Kb / 11P
M17-6EP1N8A9004S - Coupler connector
1629049 PHOENIX-1629049 Datasheet
1Mb / 13P
M17-17S1N8A8002 - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com