Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069495 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1069495
Description  M17-3EP1N8A9002S/1,5 - Coupler connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069495 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1069495 Datasheet HTML 1Page - PHOENIX CONTACT 1069495 Datasheet HTML 2Page - PHOENIX CONTACT 1069495 Datasheet HTML 3Page - PHOENIX CONTACT 1069495 Datasheet HTML 4Page - PHOENIX CONTACT 1069495 Datasheet HTML 5Page - PHOENIX CONTACT 1069495 Datasheet HTML 6Page - PHOENIX CONTACT 1069495 Datasheet HTML 7Page - PHOENIX CONTACT 1069495 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Notes
Order information:
Order 4 x Ø 1.5 mm crimp contacts separately
Safety note
WARNING: The connectors may not be plugged in or
disconnected under load. Ignoring the warning or improper use
may damage persons and/or property.
• WARNING: Commission properly functioning products only.
The products must be regularly inspected for damage.
Decommission defective products immediately. Replace
damaged products. Repairs are not possible.
• WARNING: Only electrically qualified personnel may install and
operate the product. They must observe the following safety
notes. The qualified personnel must be familiar with the basics of
electrical engineering. They must be able to recognize and
prevent danger. The relevant symbol on the packaging indicates
that only personnel familiar with electrical engineering are
allowed to install and operate the product.
• The products are suitable for applications in plant, controller,
and electrical device engineering.
• When operating the connectors in outdoor applications, they
must be separately protected against environmental influences.
• Assembled products may not be manipulated or improperly
opened.
• Only use mating connectors that are specified in the technical
data of the standards listed (e.g. the ones listed in the product
accessories online at phoenixcontact.com/products).
• When using the product in direct connection with third-party
manufacturers, the user is responsible.
• For operating voltages > 50 V AC, conductive connector
housings must be grounded
• Ensure that the protective or functional ground has been
properly connected.
• VDE 0100/1.97 § 411.1.3.2 and DIN EN 60 204/11.98 § 14.1.3
are applicable when combining several circuits in a cable and/or
connector
• Only use tools recommended by Phoenix Contact
• The installation notes/Design In documents online on the
download page at phoenixcontact.com/products must be
observed for this product.
• Operate the connector only when it is fully plugged in and
interlocked.
• Ensure that when laying the cable, the tensile load on the
connectors does not exceed the upper limit specified in the
standards.
• Observe the minimum bending radius of the cable. Lay the
cable without twisting it.
• The connector warms up in normal operation. Depending on the
ambient conditions, the surface of the connector can continue to
warm up. In this case, the user is responsible for posting
Safety note
M17-3EP1N8A9002S/1,5 - Coupler connector
1069495
https://www.phoenixcontact.com/us/products/1069495
Nov 28, 2024, 5:56 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com