Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BL Datasheet(PDF) 13 Page - Analog Devices

Part # AD1981BL
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BL Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1981BL Datasheet HTML 9Page - Analog Devices AD1981BL Datasheet HTML 10Page - Analog Devices AD1981BL Datasheet HTML 11Page - Analog Devices AD1981BL Datasheet HTML 12Page - Analog Devices AD1981BL Datasheet HTML 13Page - Analog Devices AD1981BL Datasheet HTML 14Page - Analog Devices AD1981BL Datasheet HTML 15Page - Analog Devices AD1981BL Datasheet HTML 16Page - Analog Devices AD1981BL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REV. 0
AD1981BL
–13–
Table III. Volume Settings for Phone and MIC
Control Bits D[4:0]
Phone (0Ch) and MIC (0Eh)
D15
WRITE
READBACK
Function
00 0000
0 0000
12 dB Gain
00 1000
0 1000
0 dB Gain
01 1111
1 1111
–34.5 dB Gain
1x xxxx
x xxxx
–
dB Gain, Muted
x in the above table is a wild card, and has no effect on the value.
RLV[4:0]
Line-In Volume Right. Allows setting the line-in right channel attenuator in 32 volume levels. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
RM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the LM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LLV[4:0]
Line-In Volume Left. Allows setting the line in left channel attenuator in 32 volume levels. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
LVM
Line-In Mute. When this bit is set to 1, both the left and right channels are muted unless the MSPLT bit in
Register 76h is set to 1, in which case this mute bit will affect only the left channel.
RCV[4:0]
Right CD Volume. Allows setting the CD right channel attenuator in 32 volume levels. The LSB represents 1.5 dB,
and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
RM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the CVM bit. Otherwise, this bit will always read 0 and will have no affect when set to 1.
LCV[4:0]
Left CD Volume. Allows setting the CD left channel attenuator in 32 volume levels. The LSB represents 1.5 dB,
and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
CVM
CD Volume Mute. When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in
Register 76h is set to 1, in which case this mute bit will affect only the left channel.
Line-In Volume Register (Index 10h)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
10h Line-In Volume LVM
X
X
LLV4 LLV3
LLV2
LLV1
LLV0
RM
*
XX
RLV4
RLV3
RLV2
RLV1
RLV0
8808h
*For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, the RM bit has no effect. All registers not shown, and bits containing an X are assumed to be reserved. Refer to Table IV for examples.
CD Volume Register (Index 12h)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
12h CD Volume
CVM
X
X
LCV4 LCV3
LCV2
LCV1 LCV0 RM
*
XX
RCV4
RCV3
RCV2
RCV1
RCV0
8808h
*For AC ’97 compatibility, Bit D7 (RM) is only available by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, the RM bit has no effect. All registers not shown, and bits containing an X are assumed to be reserved. Refer to Table IV for examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com