Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BL Datasheet(PDF) 2 Page - Analog Devices

Part # AD1981BL
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BL Datasheet(HTML) 2 Page - Analog Devices

  AD1981BL Datasheet HTML 1Page - Analog Devices AD1981BL Datasheet HTML 2Page - Analog Devices AD1981BL Datasheet HTML 3Page - Analog Devices AD1981BL Datasheet HTML 4Page - Analog Devices AD1981BL Datasheet HTML 5Page - Analog Devices AD1981BL Datasheet HTML 6Page - Analog Devices AD1981BL Datasheet HTML 7Page - Analog Devices AD1981BL Datasheet HTML 8Page - Analog Devices AD1981BL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. 0
–2–
AD1981BL–SPECIFICATIONS
STANDARD TEST CONDITIONS, UNLESS
OTHERWISE NOTED
Temperature
25
°C
Digital Supply (DVDD)
3.3 V
Analog Supply (AVDD)
3.3 V
Sample Rate (fS)
48 kHz
Input Signal
1008 Hz
Analog Output Pass Band
20 Hz to 20 kHz
DAC Test Conditions
Calibrated
–3 dB Attenuation Relative to Full Scale
0 dB Input
10 k
Ω Output Load (LINE_OUT)
32
Ω Output Load (HP_OUT)
ADC Test Conditions
Calibrated
0 dB Gain
Input –3.0 dB Relative to Full Scale
Parameter
Min
Typ
Max
Unit
ANALOG INPUT
Input Voltage (RMS Values Assume Sine Wave Input)
LINE_IN, AUX, CD, PHONE_IN
0.707
V rms
2.0
V p-p
MIC_IN with +20 dB Gain
0.0707
V rms
0.2
V p-p
MIC_IN with 0 dB Gain
0.707
V rms
2.0
V p-p
Input Impedance
1
20
k
Ω
Input Capacitance
1
5
7.5
pF
MASTER VOLUME
Step Size (0 dB to –46.5 dB): LINE_OUT_L, LINE_OUT_R
1.5
dB
Output Attenuation Range
1
46.5
dB
Step Size (0 dB to –46.5 dB): MONO_OUT
1.5
dB
Output Attenuation Range
1
46.5
dB
Step Size (0 dB to –46.5 dB): HP_OUT_R, HP_OUT_L
1.5
dB
Output Attenuation Range Span
1
46.5
dB
Mute Attenuation of 0 dB Fundamental
1
80
dB
PROGRAMMABLE GAIN AMPLIFIER—ADC
Step Size (0 dB to 22.5 dB)
1.5
dB
PGA Gain Range
22.5
dB
ANALOG MIXER—INPUT GAIN/AMPLIFIERS/ATTENUATORS
Signal-to-Noise Ratio (SNR)
CD to LINE_OUT
90
dB
Other to LINE_OUT
1
90
dB
Step Size (+12 dB to –34.5 dB) (All Steps Tested):
MIC_IN, LINE_IN, CD, AUX, PHONE_IN, DAC
1.5
dB
Input Gain/Attenuation Range:
MIC_IN, LINE_IN, CD, AUX, PHONE_IN, DAC
46.5
dB
DIGITAL DECIMATION AND INTERPOLATION FILTERS
1
Pass Band
0
0.4
fS
Hz
Pass-Band Ripple
±0.09
dB
Transition Band
0.4
fS
0.6
fS
Hz
Stop Band
0.6
fS
Hz
Stop-Band Rejection
–74
dB
Group Delay
16/fS
sec
Group Delay Variation over Pass Band
0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com