Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BLJSTZ2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1981BLJSTZ2
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJSTZ2 Datasheet(HTML) 3 Page - Analog Devices

  AD1981BLJSTZ2 Datasheet HTML 1Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 2Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 3Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 4Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 5Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 6Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 7Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 8Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. 0
–3–
AD1981BL
Parameter
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
Resolution
16
Bits
Total Harmonic Distortion (THD)
–87
dB
Dynamic Range (–60 dB Input THD+N Referenced to Full Scale,
A-Weighted)
78
83
dB
Signal-to-Intermodulation Distortion1 (CCIF Method)
85
dB
ADC Crosstalk
1
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–80
dB
Line_In to Other
–100
–80
dB
Gain Error
2 (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error1
±5mV
DIGITAL-TO-ANALOG CONVERTERS
Resolution
20
Bits
Total Harmonic Distortion (THD) LINE_OUT
–88
dB
Total Harmonic Distortion (THD) HP_OUT
–81
dB
Dynamic Range (–60 dB Input THD+N Referenced to Full Scale,
82
87.5
dB
A-Weighted)
Signal-to-Intermodulation Distortion
1 (CCIF Method)
–100
dB
Gain Error2 (Output FS Voltage Relative to Nominal Output FS Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.7
dB
DAC Crosstalk
1 (Input L, Zero R, Measure R_OUT; Input R,
Zero L, Measure L_OUT)
–80
dB
ANALOG OUTPUT
Full-Scale Output Voltage; LINE_OUT and MONO_OUT
0.707
V rms
2.0
V p-p
Output Impedance1
800
Ω
External Load Impedance
1
10
k
Ω
Output Capacitance
1
15
pF
External Load Capacitance1
100
pF
Full-Scale Output Voltage; HP_OUT (0 dB Gain)
1
V rms
External Load Impedance
1
32
Ω
VREF
1
1.12
1.225
V
VREF_OUT
2.25
V
VREF_OUT Current Drive
5mA
Mute Click (Muted Output Minus Unmuted Midscale DAC Output)
±5mV
STATIC DIGITAL SPECIFICATIONS
High Level Input Voltage (VIH): Digital Inputs
0.65
DVDD
V
Low Level Input Voltage (VIL)
0.35
DVDD
V
High Level Output Voltage (VOH), IOH = 2 mA
0.9
DVDD
V
Low Level Output Voltage (VOL), IOL = 2 mA
0.1
DVDD
V
Input Leakage Current
–10
+10
µA
Output Leakage Current
–10
+10
µA
POWER SUPPLY
Power Supply Range—(AVDD and DVDD)
3.0
3.47
V
Power Dissipation
287
mW
Analog Supply Current—3.3 V (AVDD)39
mA
Digital Supply Current—3.3 V (DVDD)48
mA
Power Supply Rejection (100 mV p-p Signal @ 1 kHz)
1
(At Both Analog and Digital Supply Pins, Both ADCs and DACs)
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com