Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BLJSTZ2 Datasheet (PDF) - Analog Devices

AD1981BLJSTZ2 Datasheet PDF - Analog Devices
Part # AD1981BLJSTZ2
Download  AD1981BLJSTZ2 Download
File Size   333.93 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC ??7 SoundMAX짰 Codec

AD1981BLJSTZ2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1981BLJSTZ2 Datasheet PDF - Analog Devices

Part # AD1981BLJSTZ2
Download  AD1981BLJSTZ2 Click to download

File Size   333.93 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC ??7 SoundMAX짰 Codec

AD1981BLJSTZ2 Datasheet (HTML) - Analog Devices


AD1981BLJSTZ2 Product details

AC ’97 2.3 COMPATIBLE FEATURES
   S/PDIF output, 20-bit data format, supporting
      48 kHz and 44.1 kHz sample rates
   Integrated stereo headphone amplifier
   Variable sample rate audio
   External audio power-down control
   >90 dB dynamic range
   Stereo full-duplex codec
   20-bit PCM DAC
   3 analog line-level stereo inputs for line-in, AUX, and CD
   Mono line-level phone input
   Dual MIC input with built-in programmable preamplifier
   High quality CD input with ground sense
   Mono output for speakerphone or internal speaker
      power management support
   48-lead LQFP package, Pb-free available

ENHANCED FEATURES
   Stereo MIC preamplifier support
   Built-in digital equalizer function for optimized
      speaker sound
   Full-duplex variable sample rates from 7040 Hz to
      48 kHz with 1 Hz resolution
   Jack sense pins for automatic output switching
   Software-programmed VREFOUT output for biasing
      microphone and external power amplifier
   Low power 3.3 V operation for analog and digital supplies
   Multiple codec configuration options




Similar Part No. - AD1981BLJSTZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1981BLJSTZ AD-AD1981BLJSTZ Datasheet
969Kb / 32P
AC 97 SoundMAX Codec
1/05-Rev. 0 to Rev. A
AD1981BLJSTZ-REEL AD-AD1981BLJSTZ-REEL Datasheet
969Kb / 32P
AC 97 SoundMAX Codec
1/05-Rev. 0 to Rev. A
More results


Similar Description - AD1981BLJSTZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1885 AD-AD1885 Datasheet
291Kb / 27P
AC??7 SoundMAX Codec
AD1886A AD-AD1886A Datasheet
281Kb / 28P
AC??7 SoundMAX Codec
AD1887 AD-AD1887 Datasheet
150Kb / 16P
AC??7 SoundMAX Codec
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
November 1998
logo
Analog Devices
AD1981B AD-AD1981B Datasheet
499Kb / 28P
AC ??7 SoundMAX Codec
6/03-Data Sheet changed from REV. A to REV. B.
AD1981A AD-AD1981A Datasheet
183Kb / 24P
AC ??7 SoundMAX Codec
REV.0
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Analog Devices
AD1986 AD-AD1986 Datasheet
1Mb / 52P
AC ??7 SoundMAX CODEC
10/04-Revision 0
AD1988A AD-AD1988A Datasheet
1Mb / 20P
High Definition Audio SoundMAX짰 Codec
10/06-Revision 0
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com