Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMP9701A Datasheet (PDF) - Intersil Corporation

HMP9701A Datasheet PDF - Intersil Corporation
Part # HMP9701A
Download  HMP9701A Download
File Size   172.38 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description AC??7 Audio Codec

HMP9701A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMP9701A Datasheet PDF - Intersil Corporation

Part # HMP9701A
Download  HMP9701A Click to download

File Size   172.38 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description AC??7 Audio Codec

HMP9701A Datasheet (HTML) - Intersil Corporation


HMP9701A Product details

Description
The HMP9701A is the next generation PC based audio codec solution. The HMP9701A is compliant to the new AC’97 standard and, as such, interfaces to any AC’97 compliant digital controller. The HMP9701A offers the designer a solution to satisfy the demand for flexibility and improved High Fidelity sound in a PC environment. As part of the AC’97 PC audio standard architecture, the HMP9701A helps pave the way for PC’97 compliant desktop, portable and entertainment PCs with a cost effective high-quality audio solution.

Features
• Compliant with the Audio Codec ‘97 Standard
• High Fidelity 16-Bit Σ∆ Converters
    - DAC SNR 87dB
    - ADC SNR 85dB
• Additional A/D for Microphone Pass-Through
• AC Link Serial Interface Compatible with AC’97 Digital Controllers
• Fixed 48kHz Sampling Rate
• 6 Channel Input Mixer
• Programmable Powerdown Modes
• 48 Lead TQFP Package
• Single +5V Supply

Applications
• Multimedia PC Applications
    - Desk Top PCs
    - Notebook PCs
    - PCI Sound Cards
    - Motherboards
• Video Conferencing
• Speaker Phones




Similar Part No. - HMP9701A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
November 1998
HMP9701CN INTERSIL-HMP9701CN Datasheet
174Kb / 20P
AC??7 Audio Codec
November 1998
HMP9701EVAL2 INTERSIL-HMP9701EVAL2 Datasheet
174Kb / 20P
AC??7 Audio Codec
November 1998
More results


Similar Description - HMP9701A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
November 1998
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Wolfson Microelectronic...
WM9715L WOLFSON-WM9715L Datasheet
906Kb / 77P
AC??7 Audio and Touchpanel CODEC
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
AC??7 Audio and Touchpanel CODEC
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Realtek Semiconductor C...
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
SIX-CHANNEL AC??7 AUDIO CODEC
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com