Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMP9701A Datasheet(PDF) 3 Page - Intersil Corporation

Part # HMP9701A
Description  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701A Datasheet(HTML) 3 Page - Intersil Corporation

  HMP9701A Datasheet HTML 1Page - Intersil Corporation HMP9701A Datasheet HTML 2Page - Intersil Corporation HMP9701A Datasheet HTML 3Page - Intersil Corporation HMP9701A Datasheet HTML 4Page - Intersil Corporation HMP9701A Datasheet HTML 5Page - Intersil Corporation HMP9701A Datasheet HTML 6Page - Intersil Corporation HMP9701A Datasheet HTML 7Page - Intersil Corporation HMP9701A Datasheet HTML 8Page - Intersil Corporation HMP9701A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Analog Mixer
The Analog Mixer generates two outputs, one stereo and
one mono. The stereo output is used to drive LINE_OUT and
is composed of a stereo mix of all analog input sources and
the audio output from the DACs. The mono output drives
MONO_OUT, and it is user selectable as either MIC only or
a mono mix of all the analog and PCM sources except the
PHONE and PC_BEEP inputs.
The inputs to the analog mixer pass through gain/attenu-
ate/mute (GAM) blocks. Each gain block provides volume
control from -34.5dB to +12dB in 1.5dB increments (see
Input Volume Registers 0Ch - 18h). Additionally, the GAM
blocks can be used to mute individual mixer inputs. An addi-
tional gain of 20dB is provided for the selected MIC input.
Note: for best SNR performance, the GAM block for the DAC
output should be used to control PCM analog volume rather
than digitally attenuating the DAC PCM input to take advan-
tage of full resolution conversions.
Clocking
The HMP9701A derives it’s internal clock from an externally
attached 24.576MHz crystal. The crystal and 2 capacitors
are attached to the XTL_IN and XTL_OUT pins, and it
should be fundamental-mode/parallel resonant with a load
capacitor as specified by the crystal manufacturer (typically
12-30pF). For an example circuit, refer to the Typical Appli-
cation Schematic.
An external CMOS clock may be connected to XTL_IN
instead of a crystal. If this external clocking option is used,
XTL_OUT should be left floating. Please Note: No capaci-
tors are used on the crystal pins in this mode.
The HMP9701A divides the clock source by 2 to derive the
BIT_CLK provided to the companion digital controller. The
digital controller should divide the provided BIT_CLK by 256
to generate the 48kHz SYNC signal used to define the audio
frame transmitted over the serial digital interface (See Serial
Digital Interface Section)
Serial Digital Interface
Audio Data Format
The HMP9701A supports 16-bit 2’s complement linear PCM
data for record and playback. The 16-bit 2’s complement for-
mat (also called 16-bit signed format) is the standard method
of representing 16-bit digital audio. This format gives 96dB
theoretical dynamic range and is the standard for compact
disk audio players. This format uses the value -32768
(8000h) to represent minimum analog amplitude while
32767 (7FFFh) represents maximum analog amplitude.
Digital Serial Interface (AC Link)
The HMP9701A is linked to an AC’97 digital controller via a 5
pin digital serial interface as shown in Figure 1. This inter-
face, the AC-link, supports bidirectional, fixed rate, serial
data streams. The data transfers are based on a time divi-
sion multiplexed (TDM) protocol that provides for multiple
input and output audio streams together with control and sta-
tus data. The AC-link protocol is based on incoming and out-
going audio frames which are each divided into 12 data slots
as shown in Figure 2. The HMP9701A allocates data slots
for 2 PCM playback channels, 2 PCM record channels,
codec control, codec status, and a PCM microphone record
channel. The remaining unused time slots are reserved.
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET
HMP9701A
AC’97
AUDIO
CODEC
FIGURE 1. HMP9701A CONNECTION TO AC’97 CONTROLLER
AC’97
DIGITAL
CONTROLLER
PCM
LEFT
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
MIC
RSRVD
PCM
RIGHT
STATUS
DATA
TAG
STATUS
ADDR
INCOMING
AUDIO STREAMS
PCM
LEFT
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
PCM
RIGHT
CMD
DATA
TAG
CMD
ADDR
OUTGOING
AUDIO STREAMS
SYNC
SLOT NO.
0123456789
10
11
12
TAG
PHASE
DATA PHASE
FIGURE 2. AC LINK BIDIRECTIONAL DATA FRAME
HMP9701A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com