Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC202 Datasheet (PDF) - List of Unclassifed Manufacturers

ALC202 Datasheet PDF - List of Unclassifed Manufacturers
Part # ALC202
Download  ALC202 Download
File Size   598.76 Kbytes
Page   29 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AC??7 Audio CODEC

ALC202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALC202 Datasheet PDF - List of Unclassifed Manufacturers

Part # ALC202
Download  ALC202 Click to download

File Size   598.76 Kbytes
Page   29 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AC??7 Audio CODEC

ALC202 Datasheet (HTML) - List of Unclassifed Manufacturers


ALC202 Product details

[realtek]



Features

l Single chip audio CODEC with high S/N ratio (>90 dB).

l 20-bit DAC, 18-bit ADC.

l Stereo full-duplex CODEC with independent and variable sampling rate.

l 4 analog line-level stereo input with 5-bit volume control : LINE_IN,CD,VIDEO,AUX

l 2 analog line-level mono input : PC_BEEP,PHONE_IN.

l Mono output with 5-bit volume control.

l Stereo output with 6-bit volume control.

l 2 MIC inputs: Software selectable.

l Power management and enhanced power saving.

l 3D Stereo Enhancement

l External Amplifier power down capability.

l Multiple CODEC extension.

l Compliant with AC’97 2.2 specification

l 50mW/8Wamplifier at LINE/ Headphone output

l Jack-detect function to mute LINE/MONO/HP output, to control S/PDIF output.

l Supports S/PDIF out is compliant with AC’97 rev2.2.

l 2 GPIO pins.

l 14.318MHz‡24.576MHz digital PLL.

l Supports double sampling rate (96KHz) of DVD audio playback.

l +30dB boost preamplifier for MIC input.

l Power support: Digital: 3.3V Analog: 3.3V/5V

l Standard 48-Pin LQFPPackage




Similar Part No. - ALC202

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC202 REALTEK-ALC202 Datasheet
590Kb / 42P
REALTEK/AVANCE LOGIC, INC. TWO CHANNEL AC??7 AUDIO CODEC
More results


Similar Description - ALC202

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
November 1998
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
November 1998
logo
Wolfson Microelectronic...
WM9715L WOLFSON-WM9715L Datasheet
906Kb / 77P
AC??7 Audio and Touchpanel CODEC
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
AC??7 Audio and Touchpanel CODEC
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Realtek Semiconductor C...
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
SIX-CHANNEL AC??7 AUDIO CODEC
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com