Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC202 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 9 -
Rev0.62
http://www.realtek.com.tw
MX0A
PC BEEP Volume
Default: 8000H
Bit
Type
Function
15
R/W Mute Control 0 : Normal 1 : Mute (-¥ dB)
14:5
Reserved
4:1
R/W PC Beep Volume (PBV[3..0]) in 3 dB step
0
Reserved
Œ
For PBV,
00h
0 dB attenuation
0Fh
45 dB attenuation
MX0C
PHONE Volume
Default: 8008H
Bit
Type
Function
15
R/W Mute Control 0 : Normal 1 : Mute (-¥ dB)
14:5
Reserved
4:0
R/W Phone Volume (PV[4..0]) in 1.5 dB step
Œ
For PV,
00h
+12 dB Gain
08h
0dB gain
1Fh
-34.5dB Gain
MX0E
MIC Volume
Default: 8008H
Bit
Type
Function
15
R/W Mute Control 0: Normal 1 : Mute (-¥ dB)
14:10
Reserved
9:8
R/W Boost Gain Option (BGO)·
00: 20 dB 01: 6 dB 10: 12 dB 11: 29.5 dB (V=30*Vmic-in)
7
Reserved
6
R/W Boost Control (BC)
0: Disable 1: Enable Boost
5
Reserved
4:0
R/W Mic Volume (MV[4..0]) in 1.5 dB step
Œ
For MV,
00h
+12 dB Gain
08h
0dB gain
1Fh
-34.5dB Gain
·
If 29.5dB boost gain is selected, input resistor can be reduced to save area of feedback
resistor.
MX10
LINE_IN Volume
Default: 8808H
Bit
Type
Function
15
R/W Mute Control 0 : Normal 1 : Mute (-¥ dB)
14:13
Reserved
12:8
R/W Line-In Left Volume (NLV[4..0]) in 1.5 dB step
7:5
Reserved
4:0
R/W Line-In Right Volume (NRV[4..0]) in 1.5 dB step
Œ
For NLV/NRV,
00h
+12 dB Gain
08h 0dB gain
1Fh -34.5dB Gain
MX12
CD Volume
Default: 8808H
Bit
Type
Function
15
R/W Mute Control 0 : Normal 1 : Mute (-¥ dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com