Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC202 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 13 -
Rev0.62
http://www.realtek.com.tw
11: S/PDIF source data assigned to AC-LINK slot10/11.
3
Reserved
2
R/W SPDIF 1: enable 0: disable (SPDIFO is in high impedance)
1
R/W DRA 1: enable 0: disable
0
R/W VRA. 1: enable 0: disable¶
Ê
If VRA = 0, ALC202 ADC/DAC operate at fixed 48KHz sampling rate. Otherwise, it
operates with variable sampling rate defined in MX2C and MX32. VRA also control write
operation of MX2Cand MX32.
MX2C
PCM DAC Rate
Default: BB80H
Bit
Type
Function
15:0
R/W FOSR[15:0]Output sampling rate.
Ê
ALC202 support the following sampling rate required in PC99/PC2001 design guide.
Sampling rate
FOSR[15:0]
8000
1F40h
11025
2B11h
12000
2EE0
16000
3E80h
22050
5622h
24000
5DC0
32000
7D00h
44100
AC44h
48000
BB80h
Note that If the value written is not support, the closest value is returned .
Ë
When MX2A.0=0 (VRA is disable), this register will return BB80h when read.
MX32
PCM ADC Rate
Default: BB80H
Bit
Type
Function
15:0
R/W FISR[15:0]Output sampling rate.
Ê
ALC202 support the following sampling rate required in PC99/PC2001 design guide.
Sampling rate
FISR[15:0]
8000
1F40h
11025
2B11h
12000
2EE0
16000
3E80h
22050
5622h
24000
5DC0
32000
7D00h
44100
AC44h
48000
BB80h
Note that If the value written is not support, the closest value is returned .
Ë
When MX2A.0=0 (VRA is disable), this register will return BB80h when read.
MX3A
S/PDIF Channel Status and Control
Default: 2000H
Bit
Type
Function
15
R/W Validity Control (control V bit in Sub-Frame)
0: the V bit (valid flag) in sub-frame depends on whether the S/PDIF data is
under-run or over-run.
1: the V bit in sub-frame is always send as 1 to indicate the invalid data is not
suitable for receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com