Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC202 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ALC202 Datasheet HTML 1Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 2Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 3Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 4Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 2 -
Rev0.62
http://www.realtek.com.tw
1. Features
l
Single chip audio CODEC with high S/N ratio (>90 dB).
l
20-bit DAC, 18-bit ADC.
l
Stereo full-duplex CODEC with independent and variable sampling rate.
l
4 analog line-level stereo input with 5-bit volume control : LINE_IN,CD,VIDEO,AUX
l
2 analog line-level mono input : PC_BEEP,PHONE_IN.
l
Mono output with 5-bit volume control.
l
Stereo output with 6-bit volume control.
l
2 MIC inputs: Software selectable.
l
Power management and enhanced power saving.
l
3D Stereo Enhancement
l
External Amplifier power down capability.
l
Multiple CODEC extension.
l
Compliant with AC’97 2.2 specification
l
50mW/8W amplifier at LINE/ Headphone output
l
Jack-detect function to mute LINE/MONO/HP output, to control S/PDIF output.
l
Supports S/PDIF out is compliant with AC’97 rev2.2.
l
2 GPIO pins.
l
14.318MHzà24.576MHz digital PLL.
l
Supports double sampling rate (96KHz) of DVD audio playback.
l
+30dB boost preamplifier for MIC input.
l
Power support: Digital: 3.3V Analog: 3.3V/5V
l
Standard 48-Pin LQFP Package
2. Pin Description
2.1 Digital I/O pins: 11 pins
Name
Type
Pin No
Description
Characteristic Definition
RESET#
I
11
AC'97 H/W reset
Schmitt trigger input
XTL-IN
I
2
Crystal input pad
Crystal: 24.576M/14.318M crystal input
External: 24.576M/14.318M external clock input
XTL-OUT
O
3
Crystal output pad
Crystal: 24.576M/14.318M crystal output
External: 24.576M/14.318M clock output
SYNC
I
10
Sample Sync (48KHz)
Schmitt trigger input
BIT-CLK
IO
6
Bit clock output (12.288Mhz)
CMOS input/output Vt=0.35Vdd
SDATA-OUT
I
5
Serial TDM AC97 output
Schmitt trigger input
SDATA-IN
O
8
Serial TDM AC97 input
CMOS output,
GPIO0
I/O
43
I: General purpose input pin-0. (Can
be software volume up)
O: General purpose output pin-0.
Internally pulled high by a 50K resistor.
GPIO1
I/O
44
I: General purpose input pin-1.
(Can be software volume down)
O: General purpose output pin-1
Internally pulled high by a 50K resistor.
ID0#
I
45
ID strap 0
CMOS input Vt=0.35Vdd
EAPD / JD
O
47
External Amplifier power down
control / Jack –Detect sense a low to
high edge
CMOS output / input, JD should be internally pulled
high by a 50K resistor
SPDIFO /
TEST
O
48
S/PDIF output / TEST output
Digital output has 12 mA@75W driving capability.
2.2 Analog I/O Pins: 18 pins
Name
Type
Pin No
Description
Characteristic Definition
PC-BEEP
I
12
PC speaker input
Analog input (1Vrms)
PHONE
I
13
Speakerphone input
Analog input (1Vrms)
AUX-L
I
14
AUX Left channel
Analog input (1Vrms)
AUX-R
I
15
AUX Right channel
Analog input (1Vrms)
VIDEO-L
I
16
Video audio Left channel
Analog input (1Vrms)
VIDEO-R
I
17
Video audio Right channel
Analog input (1Vrms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com