Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMM-A401-R7YM2 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMM-A401-R7YM2
Description  SMT LED Surface Mount LED Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMM-A401-R7YM2 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

  HSMM-A401-R7YM2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Forward Voltage Bin Table
For HSMZ/V/U – A4xx-xxxxx only
BIN
MIN.
MAX.
VA
1.9
2.2
VB
2.2
2.5
VC
2.5
2.8
VD
2.8
3.1
VE
3.1
3.4
Tolerance of each bin limit =
± 0.05
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0312EN
AV02-0479EN June 20, 2007
This product is qualified as Moisture Sensitive Level 2a per JEDEC J-
STD-020. Precaution when handling this moisture sensitive product is
important to ensure the reliability of the product. Refer to Avago
Application Note AN 5305 Handling of Moisture Sensitive Surface
Mount Devices for details.
A. Storage before use
– Unopen moisture barrier bag (MBB) can be stored at <40
°C/90% RH
for 12 months. If the actual shelf life has exceeded 12 months and the
HIC indicates that baking is not required, then it is safe to reflow the
LEDs per the original MSL rating.
– It is not recommended to open the MBB prior to assembly
(e.g., for IQC).
B. Control after opening the MBB
– The humidity indicator card (HIC) shall be read immediately upon
opening of MBB.
– The LEDs must be kept at <30
°C/60% RH at all times and all high
temperature related processes, including soldering, curing or rework,
need to be completed within 672 hours.
C. Control of unfinished reel
– Unused LEDs need to be stored in sealed MBB with desiccant or in
desiccator at <5% RH.
D. Control of assembled boards
– If the PCB soldered with the LEDs is to be subjected to other high
temperature processes, the PCB needs to be stored in sealed MBB
with desiccant or in desiccator at <5% RH to ensure no LEDs have
exceeded their floor life of 672 hours.
E. Baking is required if:
– “10%” or “15%” HIC indicator turns pink.
– The LEDs are exposed to conditions of >30
°C/60% RH at any time.
– The LEDs' floor life exceeds 672 hours.
Recommended baking conditions: 60
±5°C for 20 hours.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com