Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMM-A401-R7YM2 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMM-A401-R7YM2
Description  SMT LED Surface Mount LED Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMM-A401-R7YM2 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMM-A401-R7YM2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMM-A401-R7YM2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Description
Avago Power PLCC-4 is an extension of our PLCC-2
SMT LEDs. The package can be driven at higher
current due to its superior package design. The
product is able to dissipate heat more efficiently
compared to the conventional PLCC-2 SMT LEDs. In
proportion to the increase in driving current, this
family of LEDs is able to produce higher light output
compared to the conventional PLCC-2 SMT LEDs.
These SMT LEDs have higher reliability and better
performance and are designed to work under a wide
range of environmental conditions. This higher
reliability makes them suitable for use under harsh
environment and conditions like automotive. In
addition, they are also suitable to be used in electronic
signs and signals.
To facilitate easy pick and place assembly, the LEDs
are packed in EIA-compliant tape and reel. Every reel
will be shipped in single intensity and color bin (except
for red color), to provide close uniformity.
These LEDs are compatible with IR solder reflow
process. Due to the high reliability feature of these
products, they also can be mounted using through-the-
wave soldering process.
There are a variety of colors and various viewing
angles (30
°, 60° and 120°) available in these SMT
LEDs. Ideally, the 30
°parts are suitable for light piping
where focused intensities are required. As for the 60
°
and 120
°, they are most suitable for automotive interior
and exterior lighting and electronic signs applications.
CAUTION: HSMN-, HSMK-, HSMM-A40x-xxxxx LEDs are Class 2 ESD sensitive. Please observe appropriate
precautions during handling and processing. Refer to Avago Application Note AN-1142 for additional details.
Features
• Industry standard PLCC-4
• High reliability LED package
• High brightness using AlInGaP and InGaN dice
technologies
• Highopticalefficiency
• Higher ambient temperature at the same current possible
compared to PLCC-2
• Available in full selection of colors
• Super wide viewing angle at 120˚
• Available in 8mm carrier tape on 7-inch reel
• Compatible with both IR and TTW soldering process
JEDEC MSL 2a
Applications
• Interior automotive
– Instrument panel backlighting
– Central console backlighting
– Cabin backlighting
– Navigation and audio system
– Dome lighting
– Push button backlighting
• Exteriorautomotive
– Turn signals
– CHMSL
– Rear combination lamp
– Puddle light
• Electronic signs and signals
– Interior full color sign
– Variable message sign
• Office automation, home appliances, industrial equipment
– Front panel backlighting
– Push button backlighting
– Display backlighting
HSMx-A4xx-xxxxx
SMT LED Surface Mount LED Indicator
Data Sheet


Similar Part No. - HSMM-A401-R7YM2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-A400-U4QM2 AVAGO-HSMM-A400-U4QM2 Datasheet
347Kb / 11P
SMT LED Surface Mount LED Indicator High brightness using AlInGaP and InGaN dice
HSMM-A400-V8QM2 AVAGO-HSMM-A400-V8QM2 Datasheet
347Kb / 11P
SMT LED Surface Mount LED Indicator High brightness using AlInGaP and InGaN dice
logo
Broadcom Corporation.
HSMM-A400-W8QM2 BOARDCOM-HSMM-A400-W8QM2 Datasheet
765Kb / 15P
SMT LED Surface-Mount LED Indicator
HSMM-A400-W8YM2 BOARDCOM-HSMM-A400-W8YM2 Datasheet
765Kb / 15P
SMT LED Surface-Mount LED Indicator
More results

Similar Description - HSMM-A401-R7YM2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A46X-XXXXX AVAGO-HSMX-A46X-XXXXX Datasheet
279Kb / 10P
SMT LED Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
Surface Mount LED Indicator
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
White Surface Mount LED Indicator SMT PLCC-2
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
SMT LED Surface Mount LED Indicator
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
Surface Mount LED Indicator
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
Surface-Mount LED Indicator
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
SMT LED Surface-Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com