Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMC-A100-R00J1 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-A100-R00J1
Description  Surface Mount LED Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-A100-R00J1 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMC-A100-R00J1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Electrical Characteristics (TA = 25˚C)
Forward Voltage Reverse Voltage Reverse Voltage
Thermal
VF (Volts) @ IF = 20 mA
VR @ 100 µA
VR @ 10 µA
Resistance
Part Number
Typ.
Max.
Min.
Min.
RθJP (°C/W)
HSMS/D/Y/G
2.2
2.6
5
—
180
HSMH
1.9
2.6
5
—
180
HSMC/J/L/A/E
1.9
2.4
5
—
280
HSMZ/V/U
2.2
2.6
5
—
280
HSMB
.9
4.
—
5
280
HSMM/K/N
.4
4.05
—
5
280
Optical Characteristics (TA = 25˚C)
Viewing
Luminous
Peak
Dominant
Angle
Luminous
Intensity/
Wavelength
Wavelength[1]
2 θ1/2[2]
Efficacy ηv[3]
Total Flux
Dice
λPEAK (nm)
λD (nm)
(Degrees)
(lm/W)
Iv(mcd)/Φv(mlm)
Color
Part Number
Technology
Typ.
Typ.
Typ.
Typ.
Typ.
Red
HSMS-A100
GaP
65
626
120
120
0.45
HSMH-A100
AlGaAs
645
67
120
6
0.45
HSMC-A10x
AlInGaP
65
626
120
150
0.45
HSMZ-A100
AlInGaP
69
60
120
155
0.45
Red
HSMJ-A10x
AlInGaP
621
615
120
240
0.45
Orange
HSMV-A100
AlInGaP
62
617
120
26
0.45
Orange
HSMD-A100
GaP
600
602
120
80
0.45
HSML-A10x
AlInGaP
609
605
120
20
0.45
Amber
HSMY-A100
GaP
58
585
120
520
0.45
HSMA-A10x
AlInGaP
592
590
120
480
0.45
HSMU-A100
AlInGaP
594
592
120
500
0.45
Yellow
HSMG-A100
GaP
565
569
120
590
0.45
Green
HSME-A100
AlInGaP
575
570
120
560
0.45
Emerald
HSMG-A100
GaP
558
560
120
650
0.45
Green
HSME-A100
AlInGaP
566
560
120
610
0.45
Green
HSMM-A10x
InGaN
52
525
120
500
0.45
Cyan
HSMK-A10x
InGaN
502
505
120
00
0.45
Blue
HSMB-A100
GaN
428
462
120
65
0.45
HSMN-A10x
InGaN
468
470
120
75
0.45
Notes:
1. The dominant wavelength, λD, is derived from the CIE Chromaticity Diagram and represents the color of the device.
2. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
. Radiant intensity, Ie in watts/steradian, may be calculated from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com