Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMC-A100-R00J1 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-A100-R00J1
Description  Surface Mount LED Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-A100-R00J1 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMC-A100-R00J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Figure 8a. Recommended SnPb reflow soldering profile.
Figure 7. Radiation Pattern.
Figure 9. Recommended wave soldering profile.
-0.3
-100
TEMPERATURE – °C
0.5
0.4
0.2
0.1
0
-0.2
150
50
-50
0
100
-0.1
0.3
GaP/AlGaAs/
AlInGaP
InGaN/GaN
Figure 6. Forward voltage shift vs. temperature.
Figure 8b. Recommended Pb-free reflow soldering profile.
Figure 10. Recommended soldering pad pattern.
2.60
4.50
1.50
SOLDER RESIST
217
°C
200
°C
60 - 120 SEC.
6
°C/SEC. MAX.
3
°C/SEC. MAX.
(Acc. to J-STD-020C)
3
°C/SEC. MAX.
150
°C
255 - 260
°C
100 SEC. MAX.
10 to 30 SEC.
TIME
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
0
10
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90 100
TOP SIDE OF
PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150
°C (100°C PCB)
SOLDER WAVE TEMPERATURE = 245
°C
AIR KNIFE AIR TEMPERATURE = 390
°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
°
LEADED SOLDER: SN63; FLUX: RMA
LEAD-FREE SOLDER: 96.5 wt% SN, 3 wt% Ag, 0.5 wt% Cu
NOTE: ALLOW FOR BOARDS TO BE SUFFICIENTLY COOLED
BEFORE EXERTING MECHANICAL FORCE.
Note: For detail information on reflow soldering of Avago surface
mount LEDs, do refer to Avago Application Note AN 1060 Surface
Mounting SMT LED Indicator Components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com