Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMK-A101-R4WJ1 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMK-A101-R4WJ1
Description  Surface Mount LED Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMK-A101-R4WJ1 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMK-A101-R4WJ1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative intensity vs. forward current.
Figure 4. Maximum forward current vs. ambient
temperature. Derated based on TJMAX = 110˚C,
RθJA = 500˚C/W.
Figure 5. Dominant wavelength vs. forward
current – InGaN devices.
0
3
FORWARD VOLTAGE – V
0
10
30
35
5
5
20
15
25
1
2
4
HSMC/J/L/A/E
HSMM/K/N
HSMH
HSMS/D/Y/G
HSMZ/V/U
HSMB
Figure 4b. Maximum Forward Current Vs. Solder
Point Temperature. Derated based on TJMAX =
110°C, RθJP = 180°C/W or 280°C/W.
0
5
10
15
20
25
30
35
0
20
40
60
80
100 120
TEMPERATURE (°C)
HSMS/D/G/
Y/H/Z/V/U
HSME
HSMM/K/B/N
HSMC/J/L/A
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
TEMPERATURE (°C)
HSMS/D/G/Y/H
HSMC/J/L/A
HSMZ/V/U
HSMB
HSMM/K/N
HSME
0
20
CURRENT – mA
460
480
540
HSMx-A100 fig 5
35
500
470
510
10
490
520
25
GREEN
5
15
30
530
CYAN
BLUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com