Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMK-A101-R4WJ1 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMK-A101-R4WJ1
Description  Surface Mount LED Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMK-A101-R4WJ1 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMK-A101-R4WJ1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Packaging Option (X8X9)
Option
Test Current
Package Type
Reel Size
J1
20 mA
Top Mount
7 inch
J4
20 mA
Top Mount
1 inch
H1
20 mA
Reverse Mount
7 inch
H4
20 mA
Reverse Mount
1 inch
J2
10 mA
Top Mount
7 inch
J5
10 mA
Top Mount
1 inch
H2
10 mA
Reverse Mount
7 inch
H5
10 mA
Reverse Mount
1 inch
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0040EN
AV02-0198EN - May 30, 2007
Moisture Sensitivity
This product is qualified as Moisture Sensitive Level 2a
per Jedec J-STD-020. Precautions when handling this
moisture sensitive product is important to ensure the
reliability of the product. Do refer to Avago Application
Note AN505 Handling of Moisture Sensitive Surface
Mount Devices for details.
A. Storage before use
- Unopen moisture barrier bag (MBB) can be stored
at <40°C/90%RH for 12 months. If the actual shelf
life has exceeded 12 months and the HIC indicates
that baking is not required, then it is safe to reflow
the LEDs per the original MSL rating.
- It is not recommended to open the MBB prior to
assembly (e.g. for IQC).
B. Control after opening the MBB
- The humidity indicator card (HIC) shall be read im-
mediately upon opening of MBB.
- The LEDs must be kept at <0°C / 60%RH at all time
and all high temperature related process including
soldering, curing or rework need to be completed
within 672 hours.
C. Control for unfinished reel
- For any unuse LEDs, they need to be stored
in sealed MBB with desiccant or desiccator at
<5%RH.
D. Control of assembled boards
- If the PCB soldered with the LEDs is to be subjected
to other high temperature processes, the PCB need
to be stored in sealed MBB with desiccant or desic-
cator at <5%RH to ensure no LEDs have exceeded
their floor life of 672 hours.
E. Baking is required if:
- “10%” or “15%” HIC indicator turns pink.
- The LEDs are exposed to condition of >0°C / 60%
RH at any time.
- The LEDs floor life exceeded 672 hours.
Recommended baking condition: 60±5°C for 20 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com