Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB20100CTG Datasheet(PDF) 2 Page - International Rectifier

Part # MBRB20100CTG
Description  SCHOTTKY RECTIFIER 20 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB20100CTG Datasheet(HTML) 2 Page - International Rectifier

  MBRB20100CTG Datasheet HTML 1Page - International Rectifier MBRB20100CTG Datasheet HTML 2Page - International Rectifier MBRB20100CTG Datasheet HTML 3Page - International Rectifier MBRB20100CTG Datasheet HTML 4Page - International Rectifier MBRB20100CTG Datasheet HTML 5Page - International Rectifier MBRB20100CTG Datasheet HTML 6Page - International Rectifier MBRB20100CTG Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MBRB20...CTG, MBR20...CTG-1
Bulletin PD-20838 rev. B 01/07
2
www.irf.com
T
J
Max. Junction Temperature Range
-65 to 150
°C
Tstg
Max. Storage Temperature Range
-65 to 175
°C
R
thJC Max. Thermal Resistance
2.0
°C/W DC operation
Junction to Case
(Per Leg)
R
thCS Typical Thermal Resistance
0.50
°C/W Mounting surface, smooth and greased
Case to Heatsink
Only for TO-220
R
thJA Max. Thermal Resistance
50
°C/W DC operation
Junction to Ambient
For D2Pak and TO-262
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Non-lubricated threads
Max.
12 (10)
MarkingDevice
MBRB20100CTG
CasestyleD2-Pak
MBR20100CTG-1
CasestyleTO-262
Thermal-Mechanical Specifications
Parameters
Values
Units
Conditions
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
0.80
V
@ 10A
(1)
0.95
V
@ 20A
0.70
V
@ 10A
0.85
V
@ 20A
I
RM
Max. Instantaneus Reverse Current
0.10
mA
TJ = 25 °C
(1)
6
mA
T
J = 125 °C
VF(TO) Threshold Voltage
0.433
V
T
J = TJ max.
rt
Forward Slope Resistance
15.8
m
Ω
CT
Max. Junction Capacitance
400
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance
8.0
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ μs (Rated VR)
Electrical Specifications
Parameters
Values
Units
Conditions
Rated DC voltage
T
J =
25 °C
T
J = 125 °C
(1) Pulse Width < 300μs, Duty Cycle <2%
I
F(AV) Max. Average Forward (Per Leg)
10
A
@ T
C = 133° C, (Rated VR)
Current
(Per Device)
20
I
FRM
Peak Repetitive Forward
20
A
Rated V
R, square wave, 20kHz
Current
(Per Leg)
TC = 133° C
I
FSM
Non Repetitive Peak
5μs Sine or 3μs
Surge Current
Rect. pulse
Surge applied at rated load conditions halfwave,
single phase, 60Hz
I
RRM
Peak Repetitive Reverse
0.5
A
2.0 μsec 1.0 KHz
Surge Current
EAS
Non-Repetitive Avalanche Energy
24
mJ
T
J = 25 °C, IAS = 2 Amps, L = 12 mH
(Per Leg)
Absolute Maximum Ratings
Following any rated load condition
and with rated VRRM applied
A
150
80
90
100
Voltage Ratings
Parameters
Parameters
Values
Units
Conditions
MBRB2080CTG
MBRB2090CTG
MBRB20100CTG
MBR2080CTG-1
MBR2090CTG-1
MBR20100CTG-1
850
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com