Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB20100CTG Datasheet(PDF) 7 Page - International Rectifier

Part # MBRB20100CTG
Description  SCHOTTKY RECTIFIER 20 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB20100CTG Datasheet(HTML) 7 Page - International Rectifier

  MBRB20100CTG Datasheet HTML 1Page - International Rectifier MBRB20100CTG Datasheet HTML 2Page - International Rectifier MBRB20100CTG Datasheet HTML 3Page - International Rectifier MBRB20100CTG Datasheet HTML 4Page - International Rectifier MBRB20100CTG Datasheet HTML 5Page - International Rectifier MBRB20100CTG Datasheet HTML 6Page - International Rectifier MBRB20100CTG Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MBRB20...CTG, MBR20...CTG-1
Bulletin PD-20838 rev. B 01/07
7
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 01/07
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
Device Code
1
5
24
3
1
-
Essential Part Number
2
-
B= D2Pak
none = TO-262
3
-
Current Rating (20 = 20A)
4
-
Voltage Ratings
5
-
CT
= Essential Part Number
6
-
G = Schottky Generation
7
-
none = D2Pak
-1
= TO-262
8
-
none = Tube (50 pieces)
TRL = Tape & Reel (Left Oriented - for D2Pak only)
TRR = Tape & Reel (Right Oriented - for D2Pak only)
9
-
none = Standard Production
PbF = Lead-Free (D2Pak tube)
P
= Lead-Free (for D2Pak TRR and TRL, and TO-262)
MBR
B
20
100
CT
G
-1
TRL
-
6
7
8
9
80 = 80V
90 = 90V
100 = 100V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com