Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC154 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC154
Description  4-to-16 Line Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC154 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC154 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC154 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC154 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC154 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC154 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC154 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed Limit
Units
tPHL tPLH
Maximum Propagation Delay G
G or A B C D
ns
AC Electrical Characteristics VCCe20V to 60V CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Propagation
20V
63
160
190
220
ns
Delay G1 or G2
45V
24
36
42
46
ns
or A B C D
60V
20
30
35
39
ns
tTLH tTHL
Maximum Output
20V
25
75
95
110
ns
Rise and Fall Time
45V
7
15
19
22
ns
60V
6
13
16
19
ns
CPD
Power Dissipation
90
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com