Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC154 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC154
Description  4-to-16 Line Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC154 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC154 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC154 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC154 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC154 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC154 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC154 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5122
September 1990
MM54HC154MM74HC154
4-to-16 Line Decoder
General Description
This decoder utilizes advanced silicon-gate CMOS technol-
ogy and is well suited to memory address decoding or data
routing applications It possesses high noise immunity and
low power consumption of CMOS with speeds similar to low
power Schottky TTL circuits
The MM54HC154MM74HC154 have 4 binary select inputs
(A B C and D) If the device is enabled these inputs deter-
mine which one of the 16 normally high outputs will go low
Two active low enables (G1 and G2) are provided to ease
cascading of decoders with little or no external logic
Each output can drive 10 low power Schottky TTL equiva-
lent loads and is functionally and pin equivalent to the
54LS15474LS154 All inputs are protected from damage
due to static discharge by diodes to VCC and ground
Features
Y
Typical propagation delay 21 ns
Y
Power supply quiescent current 80 mA (74HC)
Y
Wide power supply voltage range 2 – 6V
Y
Low input current 1 mA maximum
Connection Diagram
Dual-In-Line Package
TLF5122 – 1
Top View
Order Number MM54HC154 or MM74HC154
Truth Table
Inputs
Low
G1
G2
DC
BA
Output
L
L
LLLL
L
L
LLL
H
LL
L
L
H
L
LL
L
L
H
H
L
L
LHL
L
L
L
LHLH
LL
L
H
H
L
LL
L
H
H
H
LL
H
L
L
L
LL
H
L
L
H
L
L
HLHL
L
L
HLH
H
LL
H
H
L
L
LL
H
H
L
H
L
L
HHH
L
L
L
HHHH
L
H
XXXX
H
L
XXXX
H
H
XXXX
All others high
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC155 NSC-MM54HC155 Datasheet
104Kb / 4P
Dual 2 - To - 4 Line Decoder-Demultiplexers
MM54HC155J NSC-MM54HC155J Datasheet
104Kb / 4P
Dual 2 - To - 4 Line Decoder-Demultiplexers
More results

Similar Description - MM54HC154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
4-to-16 line decoder/demultiplexer
September 1993
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
4 TO 16 LINE DECODER/DEMULTIPLEXER
Oct-1993
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
4-Line to 16-Line Decoder/Demultiplexer
MM74HC154 FAIRCHILD-MM74HC154 Datasheet
78Kb / 7P
4-to-16 Line Decoder
logo
Toshiba Semiconductor
TC74HC154AP TOSHIBA-TC74HC154AP Datasheet
318Kb / 7P
4-to-16 Line Decoder
logo
NXP Semiconductors
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com