Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD2436 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # PD2436
Description  4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD2436 Datasheet(HTML) 2 Page - OSRAM GmbH

  PD2436 Datasheet HTML 1Page - OSRAM GmbH PD2436 Datasheet HTML 2Page - OSRAM GmbH PD2436 Datasheet HTML 3Page - OSRAM GmbH PD2436 Datasheet HTML 4Page - OSRAM GmbH PD2436 Datasheet HTML 5Page - OSRAM GmbH PD2436 Datasheet HTML 6Page - OSRAM GmbH PD2436 Datasheet HTML 7Page - OSRAM GmbH PD2436 Datasheet HTML 8Page - OSRAM GmbH PD2436 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 2001 OSRAM Opto Semiconductors Inc.• San Jose, CA
PD2535/6/7, PD3535/6/7, PD4435/6/7
www.infineon.com/opto • 408-456-4000
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
2
July 5, 2001-14
DESCRIPTION
These Programmable Displays are four digit display sys-
tem modules. The characters are 0.20" by 0.14"
(PD243X), 0.27" by 0.20" (PD353X), and 0.45" by 0.27"
(PD443X) 5 x 7 dot matrix arrays constructed with the
latest solid state technology in light emitting diodes.
Driving and controlling the LED arrays is a silicon gate
CMOS integrated circuit. This integrated circuit provides
all necessary LED drivers and complete multiplexing
control logic.
Additionally, the IC has the necessary ROM to decode
128 ASCII alphanumeric characters and enough RAM to
store the display’s complete four digit ASCII message
with special attributes. These attributes, all software
programmable at the user’s discretion, include a lamp
test, brightness control, displaying cursors, alternating
cursors and characters, and flashing cursors or charac-
ters.
The CMOS IC also incorporates special interface control
circuitry to allow the user to control the module as a fully
supported microprocessor peripheral. The module,
under internal or external clock control, has asynchro-
nous read, write, and memory clear over an eight bit par-
allel, TTL compatible, bi-directional data bus. Each
module is fully encapsulated within a package 1.0" x 0.7"
x 0.2" (PD253X), 1.4" x 0.72" x 0.285" (PD353X), and 1.5"
x 0.82" x 0.285" (PD443X). The standard 20 pin DIP con-
struction with two rows spaced at 0.6" on 0.1" centers is
wave solderable.
See the end of this data sheet or refer to Appnotes 18,
19, 22, and 23 for further details on handling and assem-
bling OSRAM Programmable Displays.
.700
(17.78)
Pin 1
location
.125
(3.18)
.200
(5.08)
PD243X
OSRAM
YYWW
Z
Luminous
Intensity Code
EIA date code
.160
±.020
(4.06
±.51)
.600
(15.24)
.200
(5.08)
Pin 1
Indicator
.050
(1.27)
.100 typ. (2.54)
.018 x .012 typ.
(.46 x .31)
1.000 max.
(25.40)
.140
(3.56)
.070
±.004 typ.
(1.78
±.10)
.250
(6.35)
at seating plane
and centered
on package
Tolerance: .XXX=0.02 (.51)
at seating plane
and centered
on package
PD3537
OSRAM
YYWW
Z
Luminous
Intensity
Code
.160
±.020
(4.06
±.51)
.600 typ.
(15.24)
.285
(7.24)
EIA date code
Pin 1 Identifier and ESD warning
.250
(6.35)
.100 (2.54) typ.
.018 x .012 typ.
(.46 x .31)
.720 max.
(18.29)
.175
(4.45)
1.400 max.
(35.56)
.350
(8.89)
typ.
.270 typ.
(6.86)
.200
(5.08)
typ.
.450
(11.43)
Part No.
Tolerance: .XXX=0.010 (.25)
unless max.
at seating plane
and centered
on package
PD4437
OSRAM
YYWW
Z
Luminous
Intensity Code
.160
±.020
(4.06
±.51)
.600 typ.
(15.24)
.285
(7.24)
EIA date code
Pin 1 Indicator
.300
(7.62)
.100 (2.54) typ.
.018 x .012
±.002 typ.
(.46 x .31
±.05)
.820 max.
(20.83)
.050
(1.27)
1.500 max.
(38.1)
.375
(9.53)
typ.
.45
±.010
(11.43)
.270
(6.86)
typ.
.600
(15.24)
Part No.
Tolerance: .XXX=0.020 (.51)
Dimensions in Inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com