Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD2436 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # PD2436
Description  4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD2436 Datasheet(HTML) 3 Page - OSRAM GmbH

  PD2436 Datasheet HTML 1Page - OSRAM GmbH PD2436 Datasheet HTML 2Page - OSRAM GmbH PD2436 Datasheet HTML 3Page - OSRAM GmbH PD2436 Datasheet HTML 4Page - OSRAM GmbH PD2436 Datasheet HTML 5Page - OSRAM GmbH PD2436 Datasheet HTML 6Page - OSRAM GmbH PD2436 Datasheet HTML 7Page - OSRAM GmbH PD2436 Datasheet HTML 8Page - OSRAM GmbH PD2436 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
 2001 OSRAM Opto Semiconductors Inc.• San Jose, CA
PD2535/6/7, PD3535/6/7, PD4435/6/7
www.infineon.com/opto • 408-456-4000
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
3
July 5, 2001-14
Maximum Ratings
DC Supply Voltage.........................................–0.5 V to +7.0 Vdc
Input Voltage Relative
to GND (all inputs)...............................–0.5 V to VCC +0.5 Vdc
Operating Temperature
PD243X/353X................................................. –40
°C to +85°C
PD443X .......................................................... –40
°C to +70°C
Storage Temperature....................................... –40
°C to +100°C
Maximum Solder Temperature, .063" (1.59 mm)
below Seating Plane, t<5.0 s ........................................ 260
°C
Optical Characteristics at 25
°C
Spectral Peak Wavelength
HER ..................................................................... 635 nm typ.
Red ...................................................................... 660 nm typ.
Green ................................................................... 565 nm typ.
Viewing Angle
Horizontal
PD243X/353X .................................................................
±55°
PD443X...........................................................................
±40°
Vertical (off normal axis)..................................................
±65°
Digit Height
PD243X........................................................ 0.200" (5.08 mm)
PD353X........................................................ 0.270" (6.86 mm)
PD443X........................................................ 0.45" (11.43 mm)
Time Averaged Luminous Intensity (1)
Red ...............................................................30
µcd/LED min.
HER/Green....................................................90
µcd/LED min.
LED to LED Intensity Matching...............................1.8:1.0 max.
Device to Device (one bin) ......................................1.5:1.0 max.
Bin to Bin (adjacent bins).........................................1.9:1.0 max.
Note:
1) Peak luminous intensity values can be calculated by
multiplying these values by 7.
Figure 2. Timing Characteristics—Data “Write” Cycle
Notes:
1. All input voltages are VIL=0.8 V, VIH=2.0 V.
2. These waveforms are not edge triggered.
Figure 3. Timing Characteristics—Data “Read” Cycle
TDS
TDH
TW
TACC
TAH
TAS
TCEH
TCES
2.0 V
0.8 V
CE0, CE1
A0, A1
RD
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
D0–D6
2.0 V
0.8 V
TRS
TRH
WR
*
*
*
*
*
TDD
TR
TAH
TAS
TCEH
TCES
2.0 V
0.8 V
CE0, CE1
A0–A3
TRACC
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
D0–D6
2.0 V
0.8 V
TWS
TWH
WR
RD
TDH
TRI
*
*
*
*
DATA OUT
*
Figure 1. Top View
DIGIT3
DIGIT2
DIGIT1
DIGIT0
DIGIT3
DIGIT2
DIGIT1
DIGIT0
DIGIT3
DIGIT2
DIGIT1
DIGIT0
20
11
20
11
20
11
1
10
1
10
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com