Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3081AM Datasheet(PDF) 2 Page - International Rectifier

Part # IR3081AM
Description  XPHASETM VR 10 CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3081AM Datasheet(HTML) 2 Page - International Rectifier

  IR3081AM Datasheet HTML 1Page - International Rectifier IR3081AM Datasheet HTML 2Page - International Rectifier IR3081AM Datasheet HTML 3Page - International Rectifier IR3081AM Datasheet HTML 4Page - International Rectifier IR3081AM Datasheet HTML 5Page - International Rectifier IR3081AM Datasheet HTML 6Page - International Rectifier IR3081AM Datasheet HTML 7Page - International Rectifier IR3081AM Datasheet HTML 8Page - International Rectifier IR3081AM Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
IR3081A
APPLICATION CIRCUIT
OSCDS
1
VID5
2
VID0
3
VID1
4
VID2
5
VID3
6
VID4
7
VBIAS
21
BBFB
20
EAOUT
19
18
FB
VDRP
17
IIN
16
OCSET
15
IR3081A
CONTROL
IC
RCP
VBIAS
EA
0.1uF
CVCC
POWERGOOD
ENABLE
VID0
VID5
VID1
VID3
VID4
12V
VID2
ISHARE
VDAC
VOSENSE-
RFB
CFB
RFB1
VOSENSE+
0.1uF
5 Wire Analog Bus
to Phase ICs
Remote Sense
10 ohm
RVCC
CCP1
ROCSET
CCP
ROSC
RVDAC
RDRP1
RMPOUT
RDRP
CDRP
CVDAC
ORDERING INFORMATION
Device
Order Quantity
IR3081AMTR
3000 per reel
IR3081AM
100 piece strips
Page 2 of 39
1/31/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com