Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3081AM Datasheet (PDF) - International Rectifier

IR3081AM Datasheet PDF - International Rectifier
Part # IR3081AM
Download  IR3081AM Download
File Size   1522.87 Kbytes
Page   39 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASETM VR 10 CONTROL IC

IR3081AM Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3081AM Datasheet PDF - International Rectifier

Part # IR3081AM
Download  IR3081AM Click to download

File Size   1522.87 Kbytes
Page   39 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASETM VR 10 CONTROL IC

IR3081AM Datasheet (HTML) - International Rectifier


IR3081AM Product details

DESCRIPTION
The IR3081A Control IC combined with an IR XPhaseTM Phase IC provides a full featured and flexible way to implement a complete VR 10 power solution. The “Control” IC provides overall system control and interfaces with any number of “Phase ICs” which each drive and monitor a single phase of a multiphase converter. The XPhaseTM architecture results in a power supply that is smaller, less expensive, and easier to design while providing higher efficiency than conventional approaches. The IR3081A is intended for VRD 10 or VRM/EVRD 10 applications that use external VCCVID/VTT circuits.

FEATURES
• 6 bit VR 10 compatible VID with 0.5% overall system accuracy
• 1 to X phases operation with matching phase ICs
• Programmable Dynamic VID Slew Rate
• No Discharge of output capacitors during Dynamic VID step-down (can be disabled)
• +/-300mV Differential Remote Sense
• Programmable 150kHz to 1MHz oscillator
• Programmable VID Offset and Load Line output impedance
• Programmable Softstart
• Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
• Simplified Powergood provides indication of proper operation and avoids false triggering
• Operates from 12V input with 9.1V Under-Voltage Lockout
• 6.8V/5mA Bias Regulator provides System Reference Voltage
• Enable Input
• Small thermally enhanced 28L MLPQ package




Similar Part No. - IR3081AM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3081 IRF-IR3081 Datasheet
396Kb / 20P
XPHASE VR 10.0 CONTROL IC
IR3081M IRF-IR3081M Datasheet
396Kb / 20P
XPHASE VR 10.0 CONTROL IC
IR3081MTR IRF-IR3081MTR Datasheet
396Kb / 20P
XPHASE VR 10.0 CONTROL IC
More results


Similar Description - IR3081AM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3081 IRF-IR3081 Datasheet
396Kb / 20P
XPHASE VR 10.0 CONTROL IC
IR3084 IRF-IR3084 Datasheet
766Kb / 45P
XPHASETM VR 10/11 CONTROL IC
IR3084A IRF-IR3084A Datasheet
682Kb / 45P
XPHASE TM VR 10/11 CONTROL IC
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
IR3086A IRF-IR3086A Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088APBF IRF-IR3088APBF Datasheet
558Kb / 34P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3510 IRF-IR3510 Datasheet
26Kb / 1P
HOT-SWAP N1 REDUNDANT XPHASETM CONTROL IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com