Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST8-8C Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACST8-8C
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8-8C Datasheet(HTML) 1 Page - STMicroelectronics

  ACST8-8C Datasheet HTML 1Page - STMicroelectronics ACST8-8C Datasheet HTML 2Page - STMicroelectronics ACST8-8C Datasheet HTML 3Page - STMicroelectronics ACST8-8C Datasheet HTML 4Page - STMicroelectronics ACST8-8C Datasheet HTML 5Page - STMicroelectronics ACST8-8C Datasheet HTML 6Page - STMicroelectronics ACST8-8C Datasheet HTML 7Page - STMicroelectronics ACST8-8C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ACST8-8C
®
January 2002 - Ed: 4B
OVER VOLTAGE PROTECTED
AC POWER SWITCH
s
VDRM /VRRM = +/- 800V
s
Avalanche controlled device
s
IT(RMS) = 8A with TCASE =90°C
s
High noise immunity: static dV/dt > 750 V/µs
s
Gate triggering current : IGT <30mA
s
Snubberless turn off commutation:
(dI/dt)c > 4.5A/ms
s
TO-220FPAB package
FEATURES
The ACST8-8C belongs to the AC power switch
family built around the ASD technology. This high
performance device is adapted to home appliances
or industrial systems and drives an induction motor
up to 8A.
This ACST switch embeds a triac structure with a
high voltage clamping device to absorb the inductive
turn off energy and withstand line transients such as
those described in the IEC61000-4-5 standards.
DESCRIPTION
s
Enables equipment to meet EN61000-4-5
standard
s
High off-state reliability with planar technology
s
Need no external overvoltage protection
s
Reduces the power component count
BENEFITS
G
COM
OUT
FUNCTIONAL DIAGRAM:
s
AC static switching in appliance & industrial
control systems
s
Washing machine with bi-rotational induction
motor drive
s
Induction motor drive for:
- refrigerator / freezer compressor
- air conditioning compressor
MAIN APPLICATIONS
ASD™
AC Switch Family
COM
G
OUT
TO-220FPAB


Similar Part No. - ACST8-8C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST8-8CFP STMICROELECTRONICS-ACST8-8CFP Datasheet
126Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
24-Nov-2004
ACST8-8CG STMICROELECTRONICS-ACST8-8CG Datasheet
126Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
24-Nov-2004
ACST8-8CG-TR STMICROELECTRONICS-ACST8-8CG-TR Datasheet
126Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
24-Nov-2004
ACST8-8CT STMICROELECTRONICS-ACST8-8CT Datasheet
126Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
24-Nov-2004
More results

Similar Description - ACST8-8C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
24-Nov-2004
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
09-May-2005
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
logo
STMicroelectronics
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
AC switch family Transient voltage protected AC Switch (ACSTM)
05-Jan-2005
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
logo
STMicroelectronics
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
AC switch family Transient voltage protected AC Switch (ACS)
07-Jun-2006
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
Transient protected AC power switch
02-Dec-2008
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_14 Datasheet
63Kb / 4P
Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com