Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST8-8C Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACST8-8C
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8-8C Datasheet(HTML) 2 Page - STMicroelectronics

  ACST8-8C Datasheet HTML 1Page - STMicroelectronics ACST8-8C Datasheet HTML 2Page - STMicroelectronics ACST8-8C Datasheet HTML 3Page - STMicroelectronics ACST8-8C Datasheet HTML 4Page - STMicroelectronics ACST8-8C Datasheet HTML 5Page - STMicroelectronics ACST8-8C Datasheet HTML 6Page - STMicroelectronics ACST8-8C Datasheet HTML 7Page - STMicroelectronics ACST8-8C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACST8-8C
2/8
Symbol
Parameter
Value
Unit
VDRM /
VRRM
Repetitive peak off-state voltage
800
V
IT(RMS)
RMS on-state current full cycle sine wave 50 to 60 Hz
Tcase = 90°C
8
A
ITSM
Non repetitive surge peak on-state current
Tj initial = 25°C, full cycle sine wave
tp = 20ms
80
A
tp = 16.7ms
85
A
I
2t
Thermal constraint for fuse selection
tp = 10ms
35
A
2s
dI/dt
Non repetitive on-state current critical rate of rise
IG = 10mA (tr < 100ns)
Rate period > 1mn
100
A/
µs
VPP
Non repetitive line peak pulse voltage
note 1
2kV
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Operating junction temperature range
- 40 to + 125
°C
Tl
Maximum lead soldering temperature during 10s
260
°C
Note 1: according to test described by IEC61000-4-5 standard & Figure A.
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
PG (AV)
Average gate power dissipation
0.1
W
PGM
Peak gate power dissipation (tp = 20µs)
10
W
IGM
Peak gate current (tp = 20µs)
1
A
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
60
°C/W
Rth (j-c)
Junction to case for full cycle sine wave conduction
3.5
°C/W
THERMAL RESISTANCE
Parameter Symbol
Parameter description
IGT
Gate triggering current
VGT
Gate triggering voltage
VGD
Non triggering voltage
IH
Holding current
IL
Latching current
VTM
On state voltage
VTO
On state characteristic threshold voltage
RD
On state characteristic dynamic resistance
IDRM /IRRM
Forward or reverse leakage current
dV/dt
Static pin OUT voltage rise
(dI/dt)c
Turn off current rate of decay
VCL
Avalanche voltage at turn off
PARAMETER DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com