Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3101 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101
Description  Secondary-Side PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3101 Datasheet HTML 1Page - National Semiconductor (TI) LM3101 Datasheet HTML 2Page - National Semiconductor (TI) LM3101 Datasheet HTML 3Page - National Semiconductor (TI) LM3101 Datasheet HTML 4Page - National Semiconductor (TI) LM3101 Datasheet HTML 5Page - National Semiconductor (TI) LM3101 Datasheet HTML 6Page - National Semiconductor (TI) LM3101 Datasheet HTML 7Page - National Semiconductor (TI) LM3101 Datasheet HTML 8Page - National Semiconductor (TI) LM3101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VS)
16V
Junction Temperature Range
b
65 C s TJ s a150 C
ESD
1 kV
Lead Temperature (Soldering 5 sec)
260 C
Operating Ratings
Supply Voltage
45V s VS s 15V
Junction Temperature Range
b
40 C s TJ s a125 C
Electrical Characteristics Specifications with standard typeface are for TJ e 25 C and those in bold type-
face apply over full Operating Temperature Range Pin 2 MC is connected to VS bya5kX resistorthis selects voltage
mode control operation Unless otherwise specified TA e 25 C VS e 5V RFS e 25 kX (FO e 500 kHz)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
REFERENCE SECTION
(Note 2)
VREF
Reference Voltage
1230
1242
1254
V
1217
1266
D
VREF DVS
Line Regulation
45V s VS s 15V
001
003
%V
D
VREF DT
Temperature Stability
b
40 C s TJ s a125 C
0003
% C
(Note 3)
ERROR AMPLIFIER SECTION
AVOL
Open Loop Voltage Gain
75
90
dB
IB
Input Bias Current
b
10
b
05
m
A
b
20
GBW
Gain-Bandwidth Product
FTEST e 100 kHz
45
8
MHz
iM
Phase Margin
AV e 1
52
Deg
SR
Slew Rate
25
6
V ms
OSCILLATOR SECTION
FO
Oscillator Frequency
RT e 25 kX
450
500
550
kHz
(Note 4)
425
575
RT e 125 kX
088
10
112
MHz
085
115
FSC
Oscillator Frequency in
RT e 25 kX
Output Short Circuit
(FO e 500 kHz)
120
187
260
kHz
RSC e 13 kX (Note 5)
RT e 125 kX
(FO e 1 MHz)
210
335
470
kHz
RSC e 634 kX (Note 5)
D
FO DT
Temperature Stability
(Note 3)
01
% C
D
FO DVS
Line Stability
45V s VS s 15V
09
%V
VSYNC
Synch Signal Amplitude
AC Coupled Negative Edge
15
VPP
Trigger (Note 6)
2
D
ICOMP Dt
Compensation Current
RT e 25 kX
155
208
260
m
A ms
Ramp Slope
RMC e 5kX (Note 7)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com