Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3101 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101
Description  Secondary-Side PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3101 Datasheet HTML 9Page - National Semiconductor (TI) LM3101 Datasheet HTML 10Page - National Semiconductor (TI) LM3101 Datasheet HTML 11Page - National Semiconductor (TI) LM3101 Datasheet HTML 12Page - National Semiconductor (TI) LM3101 Datasheet HTML 13Page - National Semiconductor (TI) LM3101 Datasheet HTML 14Page - National Semiconductor (TI) LM3101 Datasheet HTML 15Page - National Semiconductor (TI) LM3101 Datasheet HTML 16Page - National Semiconductor (TI) LM3101 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Typical Applications (Continued)
POWER STAGE OPERATION
The LM3001 Primary-Side PWM Driver sends a pulse-width-
modulated signal (via pin 8) to a power switch which in turn
drives a power transformer
The power switch used in this case is an IRF840 Power
MOSFET It is an N-channel enhancement mode device
that has a drain-to-source voltage (VDSS) rating of 500V and
a pulsed drain current (IDM) rating of 32A Even though the
Power MOFSET has a high VDSS snubber circuits are
needed to limit the drain voltage
The power transformer has a primary inductance of 87 mH
The primary-to-secondary turns ratio is 85 to 1 and the sec-
ondary-to-tertiary turns ratio is 1 to 25 The tertiary winding
delivers the LM3001 supply voltage (pins 7 and 12) to the
primary-side driver
There is an internal Overvoltage Threshold circuit (pin 10)
monitoring the input voltage via a resistor divider The over-
voltage trip point is 33V typically With the resistor values
shown the maximum supply voltage is approximately 175V
The output rectifier an SR1606 delivers the secondary cur-
rent to the output The SR1606 is specified for 16A forward
current 60V reverse breakdown voltage and comes to a
TO220-AB package Since the SR1606 dissipates 7W to
8W at full load it requires a heatsink An RC snubber is
placed in parallel to reduce the ringing voltage caused by
the output rectifier turning off during the discontinous mode
of operation
Two Cornell Dubilier type 226 470 mF 25V high frequency
capacitors with low ESRs of 025X are used as the output
capacitors
OUTPUT VOLTAGE CONTROL
The output voltage is controlled by the LM3101 Secondary-
Side PWM Controller The LM3101 uses its error amplifier to
compare the scaled-down output voltage against the inter-
nal precision 124V reference voltage The error amplifier
provides compensation for the regulator frequency re-
sponse by way of an RC feedback network
The resulting error voltage is converted into a pulse-width-
modulated waveform at the system oscillator frequency of
approximately 500 kHz This waveform is then differentiated
(using an external high-pass RC filter) into a series of posi-
tive and negative pulses representing the desired switch
duty cycle
The pulses are transferred through a pulse transformer to
the LM3001 Primary-Side Driver The driver takes the feed-
back pulse signal and converts it into a PWM gate drive for
the Power MOSFET
FAULT RECOVERY OPERATION
A 0167X resistor sets the peak primary current limits to
228A for the pulse-by-pulse limiting and to 360A for the
second-level limit An RC network filters the current limit
voltage to prevent the current limit (pin 6) from being acti-
vated by the reverse recovery spike of the output rectifier
When the second level current limit is triggered the LM3001
shuts down and discharges the capacitor connected to pin 5
(the Shutdown Delay capacitor) After the capacitor is re-
charged to a voltage of approximately 21V the device will
try to restart If the overcurrent condition persists the device
will shut down again
The LM3101 provides the fault protection in case of an out-
put short circuit During normal operation the operating fre-
quency of this circuit is determined by a 25 kX resistor con-
nected to pin 1 of the LM3101 However during a short
circuit condition on the output the frequency of the LM3101
(and the entire circuit operating frequency) drops yielding a
very low duty cycle This short-circuit frequency is set by the
13 kX resistor connected to pin 5
The LM3101 Mode Control and Current Mode Input pins
(pins 2 and 6 respectively) are for current mode control op-
eration The MC pin determines which control mode is being
usedthe resistor tied to the supply voltage means voltage
mode control (the resistor tied to ground would indicate cur-
rent mode control)
START-UP OPERATION
When power is initially applied to the regulator the LM3001
Primary-Side PWM Driver receives its supply current
through a 75 kX resistor connected to the input voltage (see
Figure 7 ) Once the supply pin voltage reaches the thresh-
old of 118V (typical) the LM3001 turns on sending pulse
signals (with an amplitude of approximately 10V) to the gate
of the Power MOSFET Because the output is driving Power
MOSFETs
which need gate-to-source voltages greater
than 10V for hard turn-on (low RDS(ON)) the threshold volt-
age of 118V was selected to insure sufficient output volt-
age
At the beginning of the start-up process the secondary side
of the regulator is still unbiasedhence the LM3001 does
not receive a feedback signal from the secondary side (see
the Start-up Sequence in
Figure 9 ) Before the LM3101 Sec-
ondary-Side PWM Controller is controlling the circuit the
initial operating frequency of the gate drive is determined by
the LM3001 internal oscillator The oscillator uses an exter-
nal capacitor and resistor on pins 14 and 1 respectively
The initial operating frequency in this case is approximately
500 kHz During this time the regulator is operating in a
‘‘free-running’’ state
Also during the start-up the LM3001 executes Soft-Start by
using the Soft-Start capacitor on pin 4 The voltage across
this capacitor is compared to the oscillator ramp on pin 14
(see the LM3001 block diagram) In the offline regulator the
Soft-Start time is 15 ms approximately
During this time as the Soft-Start capacitor charges up the
duty cycle increases with each progressive cycle until final-
ly the duty cycle reaches its maximum value set by the Duty
Cycle Limit circuit (RDL - pin 2) or the Current Limit circuit
(CLIM - pin 6) The Soft-Start phase ends when the duty
cycle is limited by the RDL circuit A resistor at this pin con-
nects to an internal current source which together will gen-
erate a voltage that will be compared to the oscillator ramp
voltage This comparison will determine the maximum duty
cycle during this phase of the start-up cycle For the circuit
in
Figure 7 the duty cycle is limited to 63% by the RDL
circuit
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com