Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P992 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # P992
Description  SB® Environmental Boots
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

P992 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  P992 Datasheet HTML 1Page - Anderson Power Products, Inc. P992 Datasheet HTML 2Page - Anderson Power Products, Inc. P992 Datasheet HTML 3Page - Anderson Power Products, Inc. P992 Datasheet HTML 4Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
| DIMENSIONS |
Mated Boot Dimensions
- A -
- B -
- C -
Mated Boot Dimensions
Inches mm
Inches mm
inches mm
SB®50 Environmental Boot
5.9
151.4
1.8
45.1
6.3
160
SB®120 Environmental Boot
7.9
200
3.1
78
8.0
204
SB®175 Environmental Boot
9.5
241
3.2
80
9.3
236
Mechanical - Wire Contacts with Bushings
Environmental Protection
• SB®50, SB®120 and SB®175
IP64
Wire Size Range
AWG
mm²
• SB®50
16 to 6
1.3 to 13.3
• SB®120
10 to 1
5.3 to 42.4
• SB®175
12 to 1/0 3.3 to 53.5
Operating Temperature
F
C
• SB® Connector Housing
-4° to 221° -20° to 105°
• SB® Connector Housing (CR)*
-40° to 221° -40° to 105°
• SB® Environmental Boot
-40° to 275° -40° to 135°
Mating Cycles
Connector in Boot
• SB®50
1,500
• SB®120
1,500
• SB®175
1,500
*Chemical Resistant Series
| SPECIFICATIONS |
A
B
C
Mated Boots with Covers
Material - SB®50, SB®120 and SB®175
• SB® Connector Housing
PC
• SB® Connector Housing (CR) *
PC/PBT
• SB® Environmental Boot
TPE
Flammability Rating
• UL94
V0
UV and Ozone Resistant
Yes
*Chemical Resistant Series
Electrical
Current Rating Amperes
UL 1977
CSA
• SB®50
120
50
• SB®120
240
130
• SB®175
280
175
• IP64 Protection
Totally
Protected
Against Dust Ingress
360° Protected
Against Water Ingress
• Resistant to UV,
Roadway Chemical
and Ozone
• Splash Resistant When
Mated and Unmated
When the Integral
Cover is Used
• Customized Boots to Fit
Your AWG or MM² Wires
• Mountable
• Easy to Use



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com