Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P992 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # P992
Description  SB® Environmental Boots
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

P992 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  P992 Datasheet HTML 1Page - Anderson Power Products, Inc. P992 Datasheet HTML 2Page - Anderson Power Products, Inc. P992 Datasheet HTML 3Page - Anderson Power Products, Inc. P992 Datasheet HTML 4Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
| ORDERING INFORMATION |
SB® 50 Environmental Boots
SB® Environmental Boots provide water, dirt, chemical and UV protection for SB®50
connectors. The durable boots shield the connectors from water and dirt to IP64 in
both the mated and unmated condition.
Description
------- Part Numbers -------
Minimum Quantity ................................................................
250
25
SB®50 Environmental Boot (no cover), Load
3-6054P1-BK
3-6054P1
SB®50 Environmental Boot (no cover), Source
3-6055P1-BK
3-6055P1
SB®50 Environmental Boot with Cover, Load
3-6054P2-BK
3-6054P2
SB®50 Environmental Boot with Cover, Source
3-6055P2-BK
3-6055P2
SB®50 Standard Housings
The smallest SB® housings work with wire contacts up to 6 AWG [10 mm²].
Genderless design mates with itself. Mechanical keys are color coded.
Description
---- Part Numbers ----
Minimum Quantity ...
250
50
Yellow
992G5-BK
992G5
Orange
992G7-BK
992G7
Red
992G1-BK
992G1
Gray
992-BK
992
Blue
992G4-BK
992G4
Green
992G6-BK
992G6
Black
992G2-BK
992G2
NOTE: SB®50 Black and Gray housings have the same keying
features and can be intermated.
SB®50 Chemical Resistant (CR) Housings
Same features as the Standard SB®50 but molded in a chemical
resistant PBT/ PC blend. Suitable for use to -40°C.
Description
------ Part Numbers ------
Minimum Quantity ....
250
50
Red
P992G1-BK
P992G1
Gray
P992-BK
P992
Black
P992G2-BK
P992G2
NOTE: Black and Gray housings have the same keying
features and can be intermated
SB®50 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance
and durability up to 10,000 mating cycles.
AWG
mm
Force
--- Part Numbers ---
Minimum Quantity ..................
1000
100
6
13.3
Low
1307-BK
1307
6
13.3
High
5900-BK
5900
8
8.4
High
5952-BK
5952
12 to 10
3.3 to 5.3 Low
5953-BK
5953
12 to 10
3.3 to 5.3 High
5915-BK
5915
SB® 120 Environmental Boots
SB® Environmental Boots provide water, dirt, chemical and UV protection for SB®120
connectors. The durable boots shield the connectors from water and dirt to IP64 in
both the mated and unmated condition.
Description
------- Part Numbers -------
Minimum Quantity ................................................................
250
25
SB®120 Environmental Boot with Cover, Source
3-6034P1-BK
3-6034P1
SB®120 Environmental Boot with Cover, Load
3-6035P1-BK
3-6035P1
SB®120 Standard Housings
The second to smallest SB® housings work with wire contacts
up to 1 AWG [35 mm²]. Genderless design mates with itself.
Mechanical keys are color coded.
Description
---- Part Numbers -----
Minimum Quantity ...
250
50
Red
6810G3-BK 6810G3
Gray
6810G1-BK 6810G1
Blue
6810G2-BK 6810G2
SB®120 Chemical Resistant (CR) Housings
Same features as the Standard SB®120 but molded in a chemical
resistant PBT/ PC blend. Suitable for use to -40°C.
Description
------ Part Numbers ------
Minimum Quantity ...
250
50
Red
P6810G3-BK
P6810G3
Gray
P6810G1-BK
P6810G1
SB®120 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance and durability
up to 10,000 mating cycles.
AWG
mm
Force
---------------- Part Numbers -------------------
Minimum Quantity ....................
600
500
50
1
42.4
Low
1323G1-BK
-
1323G1
2
33.6
High
-
1319-BK
1319
4
21.1
High
-
1319G4-BK 1319G4
6
13.3
High
-
1319G6-BK 1319G6
SB®50
| ORDERING INFORMATION |
SB®120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com