Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P992 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # P992
Description  SB® 50 Connectors Up to 120 amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

P992 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  P992 Datasheet HTML 1Page - Anderson Power Products, Inc. P992 Datasheet HTML 2Page - Anderson Power Products, Inc. P992 Datasheet HTML 3Page - Anderson Power Products, Inc. P992 Datasheet HTML 4Page - Anderson Power Products, Inc. P992 Datasheet HTML 5Page - Anderson Power Products, Inc. P992 Datasheet HTML 6Page - Anderson Power Products, Inc. P992 Datasheet HTML 7Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
[ 69.1 ]
2.72
[ 2.0 ]
0.08
[ 17.1 ]
0.68
See Busbar contact drawing on
website for further detail.
[ 3.7 ]
Ø 0.14 (2)
[ 11.4 ]
0.45
[ 22.6 ]
0.89
[ 19.05 ]
0.750
[ 21.6 ]
0.85
[ 8.0 ]
0.32
[ 27.4 ]
1.08
[ 35.0 ]
1.380
[ 15.6 ]
0.62
[ 63.6 ]
2.51
[ 23.7 ]
0.93
[ x ]
x
Top View
Side View
See PCB contact drawing on website for further detail.
[ 25.4 ]
1.00
[ 12.19 ]
0.480
[ 1.27 ]
0.050
[ 17.5 ]
0.69
[ 6.10 ]
0.240
[ 2.42 ]
0.095
[ 24.6 ]
0.97
[ 8.1 ]
0.32
[ 7.6 ]
0.30
SB® 50 Silver Plated Wire Contacts
Use two silver plated contacts per housing for the best electrical
performance and durability up to 10,000 mating cycles. See reducing
bushings in accessory section for smaller wires.
Dimensions
Mating
Loose Piece
- A -
AWG
mm²
Force
Part Numbers
inches mm
Minimum Quantity
1,000
100
6
16
Low
1307-BK
1307
0.22
5.59
6
16
High
5900-BK 5900
0.22
5.59
8
8.4
High
5952-BK 5952
0.19
4.83
12 to 10
4 to 6
Low
5953-BK 5953
0.14
3.56
12 to 10
4 to 6
High
5915-BK 5915
0.14
3.56
SB® 50 Silver Plated Busbar Contacts
Use 2 busbar contacts per housing to provide a quick disconnect input or output
busbar connection. Busbar contacts are for mating with wire contacts only. Part number
75BBS includes lock nuts. Locknuts must be ordered separately for B01915P1.
Mating
Type
Thread
Force
Loose Piece Part Numbers
Minimum Quantity
1,000
20
Busbar
10 to 24
High
B01915P1
75BBS
Lock Nut 10 to 24
-
H1216P8
-
NOTE: Has not been tested by UL.
55A Right Angle Standard Powerclaw PCB Contacts
Standard Powerclaw contacts are for use inside a SB® 50 housing
and provide a color-coded right angle connection to the PCB.
Description
Loose Piece Part Numbers
Minimum Quantity
500
100
Tin Plated
PC5930T-BK
PC5930T
Silver Plated
PC5930S-BK
PC5930S
55A Right Angle Mini Powerclaw PCB Contacts
Right angle Mini Powerclaw contacts can be used on the PCB edge
without a SB® 50 housing on the PCB side. A self polarizing design only
allow SB® 50 wire housings to mate to PCB contacts one way.
Description
Loose Piece Part Numbers
Minimum Quantity
1,000
100
Tin Plated
PC5934T-BK
PC5934T
Silver Plated
PC5934S-BK
PC5934S
55A Vertical Mini Powerclaw PCB Contacts
Vertical Mini Powerclaw contacts save space by not requiring a SB® 50
housing on the PCB side. The guide housing is required for to provide a
polarized connection. (See SB® 50 accessories).
Description
Loose Piece Part Numbers
Minimum Quantity
1,500
100
Tin Plated
PC5933T-BK
PC5933T
Silver Plated
PC5933S-BK
PC5933S
[ 30.0 ]
1.18
[ 7.2 ]
0.28
[ 11.1 ]
0.44
[ 7.1 ]
0.28
A
[ 12.2 ]
0.48
[ 24.3 ]
0.96
[ 9.7 ]
0.38
[2.32]
0.091
[ 10.29 ]
0.405
[ 6.25 ]
0.246
[ 1.27 ]
0.050
[ 4.98 ]
0.196



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com