Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P992 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # P992
Description  SB® 50 Connectors Up to 120 amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

P992 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  P992 Datasheet HTML 1Page - Anderson Power Products, Inc. P992 Datasheet HTML 2Page - Anderson Power Products, Inc. P992 Datasheet HTML 3Page - Anderson Power Products, Inc. P992 Datasheet HTML 4Page - Anderson Power Products, Inc. P992 Datasheet HTML 5Page - Anderson Power Products, Inc. P992 Datasheet HTML 6Page - Anderson Power Products, Inc. P992 Datasheet HTML 7Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6 AWG
8 AWG
10 AWG
12 AWG
25
50
75
100
125
0 10 20 30 40 50 60 70 80 90 100
SB®50
Derating vs. Ambient Temperature
Amperes Applied
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90
6 AWG
8 AWG
10 AWG
12 AWG
SB® 50
Temperature Rise at Constant Current
Amperes Applied
NOTE: Powerclaw charts are based on 8 AWG equivalent copper foil on board side, mated to 6 AWG conductor on wire side.
Current - Temperature Derating per IEC 60512-5-2 Test 5B
SB® 50 CONNECTOR TEMPERATURE CHARTS - Temperature rise charts are based on a 25°C
ambient temperature.
25
50
75
100
125
0 10 20 30 40 50 60 70 80 90 100110
Mini Powerclaw
Derating vs. Ambient Temperature
Amperes Applied
SB® 50
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90
Mini Powerclaw
Temperature Rise at Constant Current
Amperes Applied
SB®50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com