Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX00008 Datasheet(PDF) 2 Page - AG Electronica

Part # ASX00008
Description  ARDUINO MKR ZERO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

ASX00008 Datasheet(HTML) 2 Page - AG Electronica

  ASX00008 Datasheet HTML 1Page - AG Electronica ASX00008 Datasheet HTML 2Page - AG Electronica ASX00008 Datasheet HTML 3Page - AG Electronica ASX00008 Datasheet HTML 4Page - AG Electronica ASX00008 Datasheet HTML 5Page - AG Electronica ASX00008 Datasheet HTML 6Page - AG Electronica ASX00008 Datasheet HTML 7Page - AG Electronica ASX00008 Datasheet HTML 8Page - AG Electronica ASX00008 Datasheet HTML 9Page - AG Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
Microcontrolador
SAMD21 Cortex-M0 + MCU de bajo consumo de
32 bits
Fuente de alimentación de la placa (USB / VIN)
5 V
Batería soportada (*)
Li-Po de una celda, 3.7 V, 700 mAh mínimo
Corriente de DC para Pin de 3.3V
600mA
Corriente de DC para Pin de 5V
600mA
Voltaje de funcionamiento del circuito
3.3V
Pines digitales de Entrada / Salida
22
Pins PWM
12 (0, 1, 2, 3, 4, 5, 6, 7, 8, 10, A3 - o 18 -, A4 - o
19)
UART
1
SPI
1
I2C
1
Clavijas de entrada analógica
7 (ADC 8/10/12 bit)
Pines de salida analógica
1 (DAC 10 bit)
Interrupciones externas
8 (0, 1, 4, 5, 6, 7, 8, A1 ó 16-, A2 ó 17)
Corriente DC por Pin de Entrada / Salida
7 mA
Memoria flash
256KB
Memoria Flash para Bootloader
8 KB
SRAM
32 KB
EEPROM
No
Velocidad de reloj
32.768 kHz (RTC), 48 MHz
LED integrado
32
Dispositivo USB de velocidad completa y host integrado



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com