Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2050 Datasheet(PDF) 2 Page - Tripath Technology Inc.

Part # TP2050
Description  STEREO 50W (8廓) POWER STAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TP2050 Datasheet(HTML) 2 Page - Tripath Technology Inc.

  TP2050 Datasheet HTML 1Page - Tripath Technology Inc. TP2050 Datasheet HTML 2Page - Tripath Technology Inc. TP2050 Datasheet HTML 3Page - Tripath Technology Inc. TP2050 Datasheet HTML 4Page - Tripath Technology Inc. TP2050 Datasheet HTML 5Page - Tripath Technology Inc. TP2050 Datasheet HTML 6Page - Tripath Technology Inc. TP2050 Datasheet HTML 7Page - Tripath Technology Inc. TP2050 Datasheet HTML 8Page - Tripath Technology Inc. TP2050 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
2
TP2050– KL/1.0/07.05
ABSOLUTE MAXI MUM RATINGS (Note 1)
SYMBOL
PARAMETER
Value
UNITS
VCC
Power Supply
40
V
Vlogic
Input Logic Level
5.5
V
TA
Operating Free-air Temperature Range
0 to 70
°C
TSTORE
Storage Temperature Range
-40 to 150
°C
TJMAX
Maximum Junction Temperature
150
°C
ESDHB
ESD Susceptibility – Human Body Model (Note 2), all pins
2000
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
See the table below for Operating Conditions.
Note 2: Human body model, 100pF discharged through a 1.5K
Ω resistor.
OPERATING COND ITIO NS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VCC
Power Supply
10
36
V
TA
Operating Temperature Range
0
25
70
°C
THERMAL CHARA CTER ISTICS
SYMBOL
PARAMETER
Value
UNITS
θJC
Junction-to-case Thermal Resistance
2.5
°C/W
EL ECTR I CAL CHA RACTER I S T I C S - TP 205 0
TA = 25 °C. See Application/Test Circuit. Unless otherwise noted, the supply voltage is VCC = 28V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Iq
Quiescent Current
VCC = 28V, both channels switching
125
mA
IMUTE
Tri-state Supply Current
VCC = 31V
28
mA
High-level input voltage
IN1A, IN1B, IN2A, IN2B pins
PIN 23 = 2.7V
PIN 23 = 3.3V
PIN 23 = 5.0V
1.65
1.95
2.80
V
VIH
High-level input voltage
TRISTATE, PWRDN pins
PIN 23 = 2.7V
PIN 23 = 3.3V
PIN 23 = 5.0V
1.50
1.70
1.85
V
Low-level input voltage
IN1A, IN1B, IN2A, IN2B pins
PIN 23 = 2.7V
PIN 23 = 3.3V
PIN 23 = 5.0V
1.05
1.35
2.2
V
VIL
Low-level input voltage
TRISTATE, PWRDN pins
PIN 23 = 2.7V
PIN 23 = 3.3V
PIN 23 = 5.0V
0.70
0.80
0.85
V
ISC
Short-circuit current limit
VCC = 30V, T=25
oC
3.5
6
8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com